| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DTC124EL-AE3-R Datasheet(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
DTC124EL-AE3-R Datasheet(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., DTC124E NPN EPITAXIAL SILICON TRANSISTOR www.unisonic.com.tw 1 Copyright © 2005 Unisonic Technologies Co., QW-R206-045,B NPN DIGITAL TRANSISTOR (BUILT-IN RESISTORS) FEATURES *Built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors (see the equivalent circuit). *The bias resistors consist of thin-film resistors with complete isolation to allow positive biasing of the input They also have the advantage of almost completely eliminating parasitic effects. *Only the on / off conditions need to be set for operation, making device design easy. EQUIVALENT CIRCUIT IN OUT OUT IN GND R1 R2 GND MARKING SOT-23 1 2 3 *Pb-free plating product number:DTC124EL PIN CONFIGURATION PIN NO. PIN NAME 1 GND 2 IN 3 OUT ORDERING INFORMATION Order Number Normal Lead free Package Packing DTC124E-AE3-R DTC124EL-AE3-R SOT-23 Tape Reel CC4 |
Número de pieza similar - DTC124EL-AE3-R |
|
Descripción similar - DTC124EL-AE3-R |