| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LR1118L-33-TQ2-B-R Datasheet(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
LR1118L-33-TQ2-B-R Datasheet(HTML) 1 Page - Unisonic Technologies |
|
1 / 6 page ![]() UNISONIC TECHNOLOGIES CO., LTD LR1118 LINEAR INTEGRATED CIRCUIT www.unisonic.com.tw 1 of 6 Copyright © 2005 Unisonic Technologies Co., Ltd QW-R102-029,A LOW DROP POSITIVE VOLTAGE REGULATORS DESCRIPTION The UTC LR1118 is a low drop voltage regulator able to provide up to 1A of output current, available also for adjustable version (VREF=1.24V). Output consists of pnp power transistor. So that dropout voltage can be extremely low. FEATURES * 2.85V device are suitable for SCSI-2 active termination * Output current up to 1A * Adjustable version available.(VREF=1.24V) * Internal current and thermal limit * Available in ±1%(at 25°C) and 2% in all temperature range SOP-8 SOT-223 1 TO-220 TO-252 TO-263 1 1 1 TO-263-3 1 1 SOT-89 *Pb-free plating product number: LR1118L ORDERING INFORMATION Order Number Normal Lead Free Plating Package ① Pin Assignment ② Packing LR1118-xx-AA3-①-② LR1118L-xx-AA3-①-② SOT-223 LR1118-xx-AB3-①-② LR1118L-xx-AB3-①-② SOT-89 LR1118-xx-TA3-①-② LR1118L-xx-TA3-①-② TO-220 LR1118-xx-TN3-①-② LR1118L-xx-TN3-①-② TO-252 LR1118-xx-TQ2-①-② LR1118L-xx-TQ2-①-② TO-263 LR1118-xx-TQ3-①-② LR1118L-xx-TQ3-①-② TO-263-3 A: GOI B: OGI C: GIO D: IGO LR1118-xx-S08-①-② LR1118L-xx-S08-①-② SOP-8 GOOIxOOx R: Tape Reel T: Tube Note: 1. Pin assignment: I:Vin O:Vout G:GND x:NC 2. xx: Output Voltage, refer to Marking Information. LR1118L-xx-AA3- - (1)Packing Type (3)Package Type (4)Output Voltage Code (5)Lead Plating (2)Pin Assignment (1) R: Tape Reel, T: Tube (2) refer to Pin Assignment (3) AA3: SOT-223, AB3: SOT-89, TA3: TO-220 TN 3: TO-252, TQ2: TO-263, TQ3: TO-263-3, S 08: SOP-8 (4) xx: refer to Marking Information (5) L: Lead Free Plating, Blank: Pb/Sn 2 1 |
Número de pieza similar - LR1118L-33-TQ2-B-R |
|
Descripción similar - LR1118L-33-TQ2-B-R |