| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DTC143TL-AE3-R Datasheet(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
DTC143TL-AE3-R Datasheet(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD DTC143T NPN SILICON TRANSISTOR www.unisonic.com.tw 1of 3 Copyright © 2005 Unisonic Technologies Co., Ltd QW-R206-059,D NPN DIGITAL TRANSISTOR (BUILT- IN BIAS RESISTORS) FEATURES * Built-in bias resistors that implies easy ON/OFF applications. * The bias resistors are thin-film resistors with complete isolation to allow negative input. EQUIVALENT CIRCUIT C B E R1 SOT-23 3 2 1 SOT-323 3 2 1 SOT-523 3 2 1 * Pb-free plating product number: DTC143TL ORDERING INFORMATION Order Number Pin Assignment Normal Lead Free Plating Package 1 2 3 Packing DTC143T-AE3-R DTC143TL-AE3-R SOT-23 E B C Tape Reel DTC143T-AL3-R DTC143TL-AL3-R SOT-323 E B C Tape Reel DTC143T-AN3-R DTC143TL-AN3-R SOT-523 E B C Tape Reel DTC143TL-AE3-R (1)Packing Type (2)Package Type (3)Lead Plating (1) R: Tape Reel (2) AE3: SOT-23, AL3: SOT-323, AN3: SOT-523 (3) L: Lead Free Plating, Blank: Pb/Sn MARKING CE3T For SOT -23/SOT-323 Package C5T For SOT-523 Package |
Número de pieza similar - DTC143TL-AE3-R |
|
Descripción similar - DTC143TL-AE3-R |