| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
2SB1260L-R-AB3-R Datasheet(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
2SB1260L-R-AB3-R Datasheet(HTML) 1 Page - Unisonic Technologies |
|
1 / 4 page ![]() UNISONIC TECHNOLOGIES CO., LTD 2SB1260 PNP SILICON TRANSISTOR www.unisonic.com.tw 1 of 4 Copyright © 2005 Unisonic Technologies Co., Ltd QW-R208-017,C POWER TRANSISTOR DESCRIPTION The UTC 2SB1260 is a epitaxial planar type PNP silicon transistor. FEATURES *High breakdown voltage and high current. BVCEO= -80V, IC= -1A *Good hFE linearity. *Low VCE(SAT) 1 TO-252 1 SOT-89 *Pb-free plating product number: 2SB1260L ORDERING INFORMATION Order Number Pin Assignment Normal Lead Free Plating Package 1 2 3 Packing 2SB1260-x-AB3-R 2SB1260L-x-AB3-R SOT-89 B C E Tape Reel 2SB1260-x-TN3-R 2SB1260L-x-TN3-R TO-252 B C E Tape Reel 2SB1260-x-TN3-T 2SB1260L-x-TN3-T TO-252 B C E Tube 2SB1260L-x-AB3-R (1)Packing Type (2)Package Type (3)Rank (1) B: Tape Box, K: Bulk, R: Tape Reel (2) AB3: SOT-89, TN3: TO-252 (3) refer to Classification of hFE (4)Lead Plating (4) L: Lead Free Plating, Blank: Pb/Sn |
Número de pieza similar - 2SB1260L-R-AB3-R |
|
Descripción similar - 2SB1260L-R-AB3-R |