| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
2SB857-X-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
2SB857-X-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies |
|
1 / 4 page ![]() UNISONIC TECHNOLOGIES CO., LTD 2SB857 PNP SILICON TRANSISTOR www.unisonic.com.tw 1 of 4 Copyright © 2005 Unisonic Technologies Co., Ltd QW-R217-206,C SILICON PNP TRANSISTOR DESCRIPTION Low frequency power amplifier. TO-126C 1 1 TO-252 *Pb-free plating product number: 2SB857L ORDERING INFORMATION Order Number Pin Assignment Normal Lead Free Plating Package 1 2 3 Packing 2SB857-x-T6C-K 2SB857L-x-T6C-K TO-126C E C B Bulk 2SB857-x-TN3-R 2SB857L-x-TN3-R TO-252 B C E Tape Reel 2SB857-x-TN3-T 2SB857L-x-TN3-T TO-252 B C E Tube 2SB857L-x-T6C-K (1)Packing Type (2)Package Type (3)Rank (4)Lead Plating (1) K: Bulk, R: Tape Reel, T: Tube (2) T6C: TO-126C, TN3: TO-252 (3) x: refer to Classification of hFE2 (4) L: Lead Free Plating, Blank: Pb/Sn |
Número de pieza similar - 2SB857-X-TN3-R |
|
Descripción similar - 2SB857-X-TN3-R |