Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MMBD914 Datasheet(PDF) 1 Page - SMC Diode Solutions Co. LTD

No. de pieza MMBD914
Descripción Electrónicos  MMBD914 SURFACE MOUNT FAST SWITCHING DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SMCDIODE [SMC Diode Solutions Co. LTD]
Página de inicio  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

MMBD914 Datasheet(HTML) 1 Page - SMC Diode Solutions Co. LTD

  MMBD914 Datasheet HTML 1Page - SMC Diode Solutions Co. LTD MMBD914 Datasheet HTML 2Page - SMC Diode Solutions Co. LTD MMBD914 Datasheet HTML 3Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Technical Data
Data Sheet N0599, Rev. C
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
MMBD914
MMBD914 SURFACE MOUNT
FAST SWITCHING DIODE
Characteristic
Symbol
Limits
Units
Reverse Voltage
VRM
75
V
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
100
V
Average Rectified Current
Io
150
mA
Forward DC Current
IF
200
mA
Non-Repetitive Peak Forward Surge Current @t=1s
IFSM
1.0
A
Power Dissipation
Ptot
350
mW
Typical Thermal Resistance, Junction to Ambient
RθJA
428
°C/W
Junction Temperature Range
TJ
150
°C
Storage Temperature Range
TSTG
-55 to +155
°C
* Pulse width < 300 µs, duty cycle < 2%
Note: 1. Device mounted on fiberglass substrate 40×
40×1.5m.
Features
Schematic & Pin Configuration
Mechanical Characteristics
Maximum Ratings@TA=25°C unless otherwise specified
Electrical Characteristics @TA=25°C unless otherwise specified
Characteristic
Symbol
Min
Max
Units
Test Condition
Forward Voltage *
VF
-
0.855
V
@IF=10mA
Reverse Breakdown Voltage*
VR
75
-
V
@IR=100uA
Reverse Leakage Current *
IR
-
1.0
25
uA
nA
@VR=75V
@VR=20V
Junction Capacitance
Cj
-
2.0
pF
VR=0V, f=1.0MHz
Reverse Recovery Time
trr
-
4.0
ns
IF=IR=10mA, IRR=0.1×IR
Fast Switching Speed
For General Purpose Switching Applictions
High Conductance
Low Current Leakage
Small Outline Surface Mount Package
RoHS compliant / Green EMC
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request
SOT-23
Case: SOT-23, Molded Plastic
Terminals: Plated leads Solderable per MIL-STD-202,
Method 208
Mounting Position: Any
Weight: 0.008g


Número de pieza similar - MMBD914

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Transys Electronics
MMBD914 TRSYS-MMBD914 Datasheet
113Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Zowie Technology Corpor...
MMBD914 ZOWIE-MMBD914 Datasheet
49Kb / 2P
HIGH-SPEED SWITCHING DIODE
logo
Jinan Gude Electronic D...
MMBD914 JGD-MMBD914 Datasheet
96Kb / 1P
SURFACE MOUNT SWITCHING DIODES
logo
Fairchild Semiconductor
MMBD914 FAIRCHILD-MMBD914 Datasheet
34Kb / 2P
High Conductance Ultra Fast Diode
logo
Diodes Incorporated
MMBD914 DIODES-MMBD914 Datasheet
75Kb / 3P
SURFACE MOUNT SWITCHING DIODE
DS12003 Rev. 12 - 2
More results

Descripción similar - MMBD914

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Transys Electronics
BAS19W TRSYS-BAS19W Datasheet
115Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Won-Top Electronics
BAV70 WTE-BAV70 Datasheet
44Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Diodes Incorporated
1N4448W DIODES-1N4448W Datasheet
73Kb / 3P
FAST SWITCHING SURFACE MOUNT DIODE
DS12002 Rev. 9 - 2
BAS19 DIODES-BAS19 Datasheet
71Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS12004 Rev. 12 - 2
BAS19W DIODES-BAS19W Datasheet
64Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
DS30118 Rev. 6 - 2
MMBD4448HT DIODES-MMBD4448HT Datasheet
167Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS30263 Rev. 5 - 2
logo
Won-Top Electronics
1N4150W WTE-1N4150W_06 Datasheet
40Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
1N4448W WTE-1N4448W_06 Datasheet
36Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
BAV19W WTE-BAV19W_06 Datasheet
49Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
BAW56 WTE-BAW56_06 Datasheet
50Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com