Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TBA820M Datasheet(PDF) 2 Page - Unisonic Technologies

No. de pieza TBA820M
Descripción Electrónicos  1.2W AUDIO POWER AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  UTC [Unisonic Technologies]
Página de inicio  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TBA820M Datasheet(HTML) 2 Page - Unisonic Technologies

  TBA820M Datasheet HTML 1Page - Unisonic Technologies TBA820M Datasheet HTML 2Page - Unisonic Technologies TBA820M Datasheet HTML 3Page - Unisonic Technologies TBA820M Datasheet HTML 4Page - Unisonic Technologies TBA820M Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TBA820M
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2
www.unisonic.com.tw
QW-R107-008.C
ABSOLUTE MAXIMUM RATINGS (T
a =25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
Vcc
16
V
Output Peak Current
IO(peak)
1.5
A
Power Dissipation
PD
1.25
W
Operating Temperature
TOPR
0 ~ +70
°C
Storage Temperature
TSTG
-40 ~ +150
°C
Note:1. Absolute maximum ratings are stress ratings only and functional device operation is not implied. The device
could be damaged beyond Absolute maximum ratings.
2. The device is guaranteed to meet performance specifications within 0℃~70℃ operating temperature range
and assured by design from –20℃~85℃.
ELECTRICAL CHARACTERISTICS
(Ta=25°C, Vcc=9V, F=1KHZ, RG=600Ω, RF=120Ω, RL=8Ω, unless otherwise specified.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Quiescent Current
IQ
VIN=0
4
12
mA
Vcc=9V,RL=4Ω,THD=10%
1.6
Vcc=9V,RL=8Ω,THD=10%
0.9
1.2
Vcc=6V,RL=4Ω,THD=10%
0.75
Vcc=6V,RL=8Ω,THD=10%
0.4
0.5
Output Power
POUT
Vcc=12V,RL=8Ω,THD=10%
2
W
Total Harmonic Distortion
THD
POUT=500mW
0.3
1
%
Open Loop Voltage Gain
Gvo
RF=0
75
dB
Closed Loop Voltage Gain
Gvc
RF=120Ω
33
36
39
dB
Input Resistance
RIN
5
M
Output Noise Voltage
eN
RG=10kΩ, BW(-3dB)=50~20kHz
0.3
1
mV



Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com