| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ES9822QPRO Datasheet(PDF) 73 Page - ESS Technology,Inc |
|
|
|||||||||||||||||||||||||||||
ES9822QPRO Datasheet(HTML) 73 Page - ESS Technology,Inc |
|
73 / 126 page ![]() 0.3 ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM 73 ES9822 PRO Product Datasheet Register 67: ADC CH1B CONFIG 1 Bits [7:4] [3] [2] [1] [0] Default 4'd0 1'b0 1'b0 1'b0 1'b0 Bits Mnemonic Description [7:4] ADC_INT_SEL_CH1B ADC Integrator Control • Program to 4'b1011 for optimum performance [3] ADC_EN_FB_CH1B Enable ADC 1B feedback path, active high • 1'b0: Disabled (default) • 1'b1: Enabled [2] RESERVED NA [1] ADC_EN_INT_CH1B Enable for INT for Channel 1B. Default is 0, INT is not enabled. • Set to 1'b1 to enable. [0] ADC_EN_CH1B Enable for Comparator and logic for Channel 1B. Default is 0, Comparator and logic are not enabled • Set to 1'b1 to enable. Register 68: ADC CH1B CONFIG 2 Bits [7:5] [4:3] [2] [1] [0] Default 3'd0 2'd0 1'b0 1'b0 1'b0 Bits Mnemonic Description [7:5] ADC_COMP_SEL_CH1B Sets the gain of Comparator of Channel 1B. • Program to 3'b001 for optimum performance [4:3] ADC_SUM_SEL_CH1B Sets the bandwidth of the summing amplifier for Channel 1B. • Program to 2'b11 for optimum performance [2] ADC_USE_DITHER_EXT_CH1B Enable the external dither for Channel 1B. • Default value is 0. [1] ADC_USE_DITHER_CH1B Enable the dither for Channel 1B. • Default value is 0, dither is not enabled [0] ADC_USE_STATE_CH1B Use state as logic output for Channel 1B. • Program to 1'b1 for optimum performance |