Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MJH11017 Datasheet(PDF) 1 Page - ON Semiconductor

No. de pieza MJH11017
Descripción Electrónicos  15 AMPERE DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS 150??50 VOLTS, 150 WATTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJH11017 Datasheet(HTML) 1 Page - ON Semiconductor

  MJH11017_06 Datasheet HTML 1Page - ON Semiconductor MJH11017_06 Datasheet HTML 2Page - ON Semiconductor MJH11017_06 Datasheet HTML 3Page - ON Semiconductor MJH11017_06 Datasheet HTML 4Page - ON Semiconductor MJH11017_06 Datasheet HTML 5Page - ON Semiconductor MJH11017_06 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2006
July, 2006 − Rev. 6
1
Publication Order Number:
MJH11017/D
MJH11017, MJH11019,
MJH11021(PNP)
MJH11018, MJH11020,
MJH11022(NPN)
Preferred Device
Complementary Darlington
Silicon Power Transistors
These devices are designed for use as general purpose amplifiers,
low frequency switching and motor control applications.
Features
High DC Current Gain @ 10 Adc — hFE = 400 Min (All Types)
Collector−Emitter Sustaining Voltage
VCEO(sus) = 150 Vdc (Min) — MJH11018, 17
= 200 Vdc (Min) — MJH11020, 19
= 250 Vdc (Min) — MJH11022, 21
Low Collector−Emitter Saturation Voltage
VCE(sat) = 1.2 V (Typ) @ IC = 5.0 A
= 1.8 V (Typ) @ IC = 10 A
Monolithic Construction
Pb−Free Packages are Available*
MAXIMUM RATINGS
Rating
Symbol
Max
Unit
Collector−Emitter Voltage
MJH11018, MJH11017
MJH11020, MJH11019
MJH11022, MJH11021
VCEO
150
200
250
Vdc
Collector−Base Voltage
MJH11018, MJH11017
MJH11020, MJH11019
MJH11022, MJH11021
VCB
150
200
250
Vdc
Emitter−Base Voltage
VEB
5.0
Vdc
Collector Current
− Continuous
− Peak (Note 1)
IC
15
30
Adc
Base Current
IB
0.5
Adc
Total Device Dissipation @ TC = 25_C
Derate above 25
_C
PD
150
1.2
W
W/
_C
Operating and Storage Junction Temperature
Range
TJ, Tstg
–65 to
+150
_C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction−to−Case
RqJC
0.83
_C/W
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. Pulse Test: Pulse Width = 5.0 ms, Duty Cycle
v 10%.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
Preferred devices are recommended choices for future use
and best overall value.
SOT−93
(TO−218)
CASE 340D
STYLE 1
15 AMPERE DARLINGTON
COMPLEMENTARY SILICON
POWER TRANSISTORS
150−250 VOLTS, 150 WATTS
MARKING
DIAGRAM
http://onsemi.com
AYWWG
MJH110xx
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
MJH110xx = Device Code
xx = 17, 19, 21, 18, 20, 22
Device
Package
Shipping
ORDERING INFORMATION
MJH11017
SOT−93
30 Units / Rail
MJH11017G
SOT−93
(Pb−Free)
30 Units / Rail
MJH11018
SOT−93
30 Units / Rail
MJH11018G
SOT−93
(Pb−Free)
30 Units / Rail
MJH11019
SOT−93
30 Units / Rail
MJH11019G
SOT−93
(Pb−Free)
30 Units / Rail
MJH11020
SOT−93
30 Units / Rail
MJH11020G
SOT−93
(Pb−Free)
30 Units / Rail
MJH11021
SOT−93
30 Units / Rail
MJH11021G
SOT−93
(Pb−Free)
30 Units / Rail
MJH11022
SOT−93
30 Units / Rail
MJH11022G
SOT−93
(Pb−Free)
30 Units / Rail


Número de pieza similar - MJH11017_06

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MJH11017G ONSEMI-MJH11017G Datasheet
100Kb / 8P
Complementary Darlington Silicon Power Transistors
August, 2016 ??Rev. 10
MJH11017 ONSEMI-MJH11017_16 Datasheet
100Kb / 8P
Complementary Darlington Silicon Power Transistors
August, 2016 ??Rev. 10
More results

Descripción similar - MJH11017_06

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MJ10007 MOTOROLA-MJ10007 Datasheet
228Kb / 8P
10 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 400 VOLTS 150 WATTS
MJ11028 MOTOROLA-MJ11028 Datasheet
153Kb / 4P
50 AMPERE COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS 60.120 VOLTS 300 WATTS
MJ2500 MOTOROLA-MJ2500 Datasheet
132Kb / 4P
10 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 60.80 VOLTS 150 WATTS
MJE15028 MOTOROLA-MJE15028 Datasheet
217Kb / 6P
8 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 120-150 VOLTS 50 WATTS
MJE270 MOTOROLA-MJE270 Datasheet
109Kb / 4P
2.0 AMPERE COMPLEMENTARY POWER DARLINGTON TRANSISTORS 100 VOLTS 15 WATTS
MJF15030 MOTOROLA-MJF15030 Datasheet
246Kb / 6P
COMPLEMENTARY SILICON POWER TRANSISTORS 8 AMPERES 150 VOLTS 36 WATTS
MJH11017 MOTOROLA-MJH11017 Datasheet
212Kb / 6P
15 AMPERE DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS 150, 200, 250 VOLTS 150 WATTS
logo
ON Semiconductor
D44VH ONSEMI-D44VH Datasheet
51Kb / 4P
Complementary Silicon Power Transistors 15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 80 VOLTS 83 WATTS
March, 2001 ??Rev. 2
MJE270 ONSEMI-MJE270 Datasheet
58Kb / 3P
2.0 AMPERE COMPLEMENTARY POWER DARLINGTON TRANSISTORS 100 VOLTS, 15 WATTS
January, 2006 ??Rev. 6
MJF15030 ONSEMI-MJF15030_06 Datasheet
143Kb / 6P
COMPLEMENTARY SILICON POWER TRANSISTORS 8 AMPERES 150 VOLTS, 36 WATTS
April, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com