Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AOZ5273QI Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

No. de pieza AOZ5273QI
Descripción Electrónicos  High-Current, High-Performance Smart Power Stage
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AOSMD [Alpha & Omega Semiconductors]
Página de inicio  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ5273QI Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AOZ5273QI Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ5273QI Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ5273QI Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ5273QI Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ5273QI Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ5273QI Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AOZ5273QI
Rev.2.0 April 2021
www.aosmd.com
Page 2 of 6
Ordering Information
Contact local sales office for full product datasheet.
AOS Green Products use reduced levels of Halogens, and are also RoHS compliant.
Please visit www.aosmd.com/media/AOSGreenPolicy.pdf for additional information.
Pin Configuration
QFN5x6-39L
(Top View)
Part Number
Junction Temperature Range
Package
PreOVP
Environmental
AOZ5273QI
-40°C to 125°C
QFN5x6-39L
Active
RoHS
AOZ5273QI-01
-40°C to 125°C
QFN5x6-39L
Disabled
RoHS
39
38
37
36
35
1
2
3
PVCC 4
PGND
20
5
8
VOS
VCC
GL
PGND
PGND
VIN
VIN
VIN
VIN
25
GL
6
PGND
AGND
PGND
PGND
PGND
PGND
7
PGND
40
34
33
32
31
30
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
PGND
PGND
VIN
VIN
41



Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com