Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST72F262G1B6 Datasheet(PDF) 53 Page - STMicroelectronics

No. de pieza ST72F262G1B6
Descripción Electrónicos  8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F262G1B6 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button ST72F262G1B6 Datasheet HTML 49Page - STMicroelectronics ST72F262G1B6 Datasheet HTML 50Page - STMicroelectronics ST72F262G1B6 Datasheet HTML 51Page - STMicroelectronics ST72F262G1B6 Datasheet HTML 52Page - STMicroelectronics ST72F262G1B6 Datasheet HTML 53Page - STMicroelectronics ST72F262G1B6 Datasheet HTML 54Page - STMicroelectronics ST72F262G1B6 Datasheet HTML 55Page - STMicroelectronics ST72F262G1B6 Datasheet HTML 56Page - STMicroelectronics ST72F262G1B6 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 172 page
background image
ST72260Gx, ST72262Gx, ST72264Gx
53/172
11.2 MAIN CLOCK CONTROLLER WITH REAL TIME CLOCK (MCC/RTC)
The Main Clock Controller consists of a real time
clock timer with interrupt capability
11.2.1 Real Time Clock Timer (RTC)
The counter of the real time clock timer allows an
interrupt to be generated based on an accurate
real time clock. Four different time bases depend-
ing directly on fOSC2 are available. The whole
functionality is controlled by four bits of the MCC-
SR register: TB[1:0], OIE and OIF.
When the RTC interrupt is enabled (OIE bit set),
the ST7 enters ACTIVE-HALT mode when the
HALT instruction is executed. See Section 8.4
"ACTIVE-HALT AND HALT MODES" on page 35
for more details.
Figure 34. Main Clock Controller (MCC/RTC) Block Diagram
MCC/RTC INTERRUPT
TB1
TB0
OIE
OIF
MCCSR
RTC
COUNTER
fOSC2
TO WATCHDOG