Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST72262G1 Datasheet(PDF) 52 Page - STMicroelectronics

No. de pieza ST72262G1
Descripción Electrónicos  8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72262G1 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button ST72262G1 Datasheet HTML 48Page - STMicroelectronics ST72262G1 Datasheet HTML 49Page - STMicroelectronics ST72262G1 Datasheet HTML 50Page - STMicroelectronics ST72262G1 Datasheet HTML 51Page - STMicroelectronics ST72262G1 Datasheet HTML 52Page - STMicroelectronics ST72262G1 Datasheet HTML 53Page - STMicroelectronics ST72262G1 Datasheet HTML 54Page - STMicroelectronics ST72262G1 Datasheet HTML 55Page - STMicroelectronics ST72262G1 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 172 page
background image
ST72260Gx, ST72262Gx, ST72264Gx
52/172
Table 12. Watchdog Timer Register Map and Reset Values
Address
(Hex.)
Register
Label
76543
210
0024h
WDGCR
Reset Value
WDGA
0
T6
1
T5
1
T4
1
T3
1
T2
1
T1
1
T0
1