| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
VIPER100-22-E Datasheet(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VIPER100-22-E Datasheet(HTML) 20 Page - STMicroelectronics |
|
20 / 29 page ![]() 5 Operation Description VIPer100-E 20/29 Figure 17. Mixed Soft Start and Compensation Figure 18. Latched Shut Down Figure 19. Typical Compensation Network Figure 20. Slope Compensation Figure 21. External Clock Sinchronisation Figure 22. Current Limitation Circuit Example AUXILIARY WINDING - + 13V OSC COMP SOURCE DRAIN VDD U1 VIPER100 R1 C1 + C2 D1 R2 R3 D2 D3 + C3 FC00131 C4 - + 13V OSC COMP SOURCE DRAIN VDD VIPER100 Shutdown U1 Q1 Q2 R1 R2 R3 R4 D1 FC00110 - + 13V OSC COMP SOURCE DRAIN VDD VIPER100 U1 R1 C1 FC00121 C2 F C 00141 - + 13V OSC C O M P SO URCE DRAIN VDD V IP E R 100 R1 R2 Q1 C2 C1 R 3 U1 C3 - + 13V OSC COMP SOURCE DRAIN VDD U1 VIPER100 10 k Ω FC00220 - + 13V OS C CO M P S O URCE DRA IN VD D VIP E R 1 0 0 U1 R1 R2 Q1 FC 0 0 2 4 0 |