Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

M25PE40VMW6TG Datasheet(PDF) 21 Page - STMicroelectronics

No. de pieza M25PE40VMW6TG
Descripción Electrónicos  4 Mbit, low voltage, Page-Erasable Serial Flash memory with byte alterability, 50 MHz SPI bus, standard pinout
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25PE40VMW6TG Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M25PE40VMW6TG Datasheet HTML 17Page - STMicroelectronics M25PE40VMW6TG Datasheet HTML 18Page - STMicroelectronics M25PE40VMW6TG Datasheet HTML 19Page - STMicroelectronics M25PE40VMW6TG Datasheet HTML 20Page - STMicroelectronics M25PE40VMW6TG Datasheet HTML 21Page - STMicroelectronics M25PE40VMW6TG Datasheet HTML 22Page - STMicroelectronics M25PE40VMW6TG Datasheet HTML 23Page - STMicroelectronics M25PE40VMW6TG Datasheet HTML 24Page - STMicroelectronics M25PE40VMW6TG Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
M25PE40
Instructions
21/60
6.1
Write Enable (WREN)
The Write Enable (WREN) instruction (Figure 7) sets the Write Enable Latch (WEL) bit.
The Write Enable Latch (WEL) bit must be set prior to every Page Write (PW), Page
Program (PP), Page Erase (PE), and Sector Erase (SE) instruction.
The Write Enable (WREN) instruction is entered by driving Chip Select (S) Low, sending the
instruction code, and then driving Chip Select (S) High.
Figure 7.
Write Enable (WREN) instruction sequence
C
D
AI02281E
S
Q
2
1
34567
High Impedance
0
Instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60