Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

M459E16VMP6G Datasheet(PDF) 7 Page - STMicroelectronics

No. de pieza M459E16VMP6G
Descripción Electrónicos  16 Mbit, low-voltage, Page-Erasable Serial Flash memory with byte alterability and a 50 MHz SPI bus interface
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M459E16VMP6G Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M459E16VMP6G Datasheet HTML 3Page - STMicroelectronics M459E16VMP6G Datasheet HTML 4Page - STMicroelectronics M459E16VMP6G Datasheet HTML 5Page - STMicroelectronics M459E16VMP6G Datasheet HTML 6Page - STMicroelectronics M459E16VMP6G Datasheet HTML 7Page - STMicroelectronics M459E16VMP6G Datasheet HTML 8Page - STMicroelectronics M459E16VMP6G Datasheet HTML 9Page - STMicroelectronics M459E16VMP6G Datasheet HTML 10Page - STMicroelectronics M459E16VMP6G Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
M45PE16
Description
7/45
Figure 2.
MLP and SO8 connections
1.
There is an exposed central pad on the underside of the VFQFPN package. This is pulled, internally, to
VSS, and must not be allowed to be connected to any other voltage or signal line on the PCB.
2.
See Package mechanical section for package dimensions, and how to identify pin-1.
W
S
VCC
VSS
C
D
Q
Reset
AI06885C
M45PE16
1
2
3
4
8
7
6
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45