Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS952ID/IDT Datasheet(PDF) 11 Page - STMicroelectronics

No. de pieza TS952ID/IDT
Descripción Electrónicos  Input/Output Rail-to-Rail Low Power Operational Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS952ID/IDT Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TS952ID/IDT Datasheet HTML 7Page - STMicroelectronics TS952ID/IDT Datasheet HTML 8Page - STMicroelectronics TS952ID/IDT Datasheet HTML 9Page - STMicroelectronics TS952ID/IDT Datasheet HTML 10Page - STMicroelectronics TS952ID/IDT Datasheet HTML 11Page - STMicroelectronics TS952ID/IDT Datasheet HTML 12Page - STMicroelectronics TS952ID/IDT Datasheet HTML 13Page - STMicroelectronics TS952ID/IDT Datasheet HTML 14Page - STMicroelectronics TS952ID/IDT Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
TS951-TS952-TS954
Package Mechanical Data
11/15
3.4
DIP14 Package
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
a1
0.51
0.020
B
1.39
1.65
0.055
0.065
b
0.5
0.020
b1
0.25
0.010
D
20
0.787
E
8.5
0.335
e
2.54
0.100
e3
15.24
0.600
F
7.1
0.280
I
5.1
0.201
L
3.3
0.130
Z
1.27
2.54
0.050
0.100
Plastic DIP-14 MECHANICAL DATA
P001A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15