| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM706TDS6E Datasheet(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM706TDS6E Datasheet(HTML) 20 Page - STMicroelectronics |
|
20 / 26 page ![]() STM706T/S/R; STM706P; STM708T/S/R 20/26 Note: 1. Valid for Ambient Operating Temperature: TA = –40 to 85°C; VCC = VRST (max) to 5.5V (except where noted). 2. VCC (min) = 1.0V for TA = 0°C to +85°C. 3. For VCC falling. VOL Output Low Voltage (PFO, RST, RST, WDO) VCC = VRST (max), ISINK = 3.2mA 0.3 V VOL Output Low Voltage (RST) ISINK = 50µA, VCC = 1.0V, TA = 0°C to 85°C 0.3 V ISINK = 100µA, VCC = 1.2V 0.3 V VOH Output High Voltage (RST, RST, WDO) ISOURCE = 1mA, VCC = VRST (max) 2.4 V Output High Voltage (PFO) ISOURCE = 75µA, VCC = VRST (max) 0.8VCC V Power-fail Comparator VPFI PFI Input Threshold PFI Falling (STM70xP/R, VCC = 3.0V; STM70xS/T, VCC = 3.3V) 1.20 1.25 1.30 V tPFD PFI to PFO Propagation Delay 2 µs Reset Thresholds VRST Reset Threshold(3) STM706P/70xR 2.55 2.63 2.70 V STM70xS 2.85 2.93 3.00 V STM70xT 3.00 3.08 3.15 V Reset Threshold Hysteresis 20 mV trec RST Pulse Width 140 200 280 ms Push-button Reset Input tMLMH tMR MR Pulse Width VRST (max) < VCC < 3.6V 500 ns 4.5V < VCC < 5.5V 150 ns tMLRL tMRD MR to RST Output Delay VRST (max) < VCC < 3.6V 750 ns 4.5V < VCC < 5.5V 250 ns Watchdog Timer (STM706T/S/R and STM706P) tWD Watchdog Timeout Period STM706P/70xR, VCC = 3.0V 1.12 1.60 2.24 s STM70xS/70XT, VCC = 3.3V WDI Pulse Width 4.5V < VCC < 5.5V 50 ns VRST (max) < VCC < 3.6V 100 ns Sym Alter- native Description Test Condition(1) Min Typ Max Unit |