Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ESM6045DV Datasheet(PDF) 7 Page - STMicroelectronics

No. de pieza ESM6045DV
Descripción Electrónicos  NPN DARLINGTON POWER MODULE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESM6045DV Datasheet(HTML) 7 Page - STMicroelectronics

  ESM6045DV Datasheet HTML 1Page - STMicroelectronics ESM6045DV Datasheet HTML 2Page - STMicroelectronics ESM6045DV Datasheet HTML 3Page - STMicroelectronics ESM6045DV Datasheet HTML 4Page - STMicroelectronics ESM6045DV Datasheet HTML 5Page - STMicroelectronics ESM6045DV Datasheet HTML 6Page - STMicroelectronics ESM6045DV Datasheet HTML 7Page - STMicroelectronics ESM6045DV Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
11.8
12.2
0.465
0.480
A1
8.9
9.1
0.350
0.358
B
7.8
8.2
0.307
0.322
C
0.75
0.85
0.029
0.033
C2
1.95
2.05
0.076
0.080
D
37.8
38.2
1.488
1.503
D1
31.5
31.7
1.240
1.248
E
25.15
25.5
0.990
1.003
E1
23.85
24.15
0.938
0.950
E2
24.8
0.976
G
14.9
15.1
0.586
0.594
G1
12.6
12.8
0.496
0.503
G2
3.5
4.3
0.137
1.169
F
4.1
4.3
0.161
0.169
F1
4.6
5
0.181
0.196
P
4
4.3
0.157
0.169
P1
4
4.4
0.157
0.173
S
30.1
30.3
1.185
1.193
P093A
ISOTOP MECHANICAL DATA
ESM6045DV
7/8



Html Pages

1 2 3 4 5 6 7 8