Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BD140 Datasheet(PDF) 3 Page - STMicroelectronics

No. de pieza BD140
Descripción Electrónicos  PNP SILICON TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BD140 Datasheet(HTML) 3 Page - STMicroelectronics

  BD140 Datasheet HTML 1Page - STMicroelectronics BD140 Datasheet HTML 2Page - STMicroelectronics BD140 Datasheet HTML 3Page - STMicroelectronics BD140 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
7.4
7.8
0.291
0.307
B
10.5
10.8
0.413
0.425
b
0.7
0.9
0.028
0.035
b1
0.40
0.65
0.015
0.025
C
2.4
2.7
0.094
0.106
c1
1.0
1.3
0.039
0.051
D
15.4
16.0
0.606
0.630
e
2.2
0.087
e3
4.4
0.173
F
3.8
0.150
G
3
3.2
0.118
0.126
H
2.54
0.100
H2
2.15
0.084
I
1.27
0.05
O
0.3
0.011
V10
o
10
o
0016114/B
SOT-32 (TO-126) MECHANICAL DATA
1: Base
2: Collector
3: Emitter
BD136 / BD138 / BD140
3/4



Html Pages

1 2 3 4