Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

RT6264A Datasheet(PDF) 21 Page - Richtek Technology Corporation

No. de pieza RT6264A
Descripción Electrónicos  18V Input, 4A, ACOT® Buck Converter with Both FETs OC Protection
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RICHTEK [Richtek Technology Corporation]
Página de inicio  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6264A Datasheet(HTML) 21 Page - Richtek Technology Corporation

Back Button RT6264A Datasheet HTML 17Page - Richtek Technology Corporation RT6264A Datasheet HTML 18Page - Richtek Technology Corporation RT6264A Datasheet HTML 19Page - Richtek Technology Corporation RT6264A Datasheet HTML 20Page - Richtek Technology Corporation RT6264A Datasheet HTML 21Page - Richtek Technology Corporation RT6264A Datasheet HTML 22Page - Richtek Technology Corporation RT6264A Datasheet HTML 23Page - Richtek Technology Corporation RT6264A Datasheet HTML 24Page - Richtek Technology Corporation RT6264A Datasheet HTML 25Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
RT6264A/B
Copyright © 2021 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS6264A/B-02
August
2021
www.richtek.com
21
to improve efficiency when the input voltage is below 5.5V.
The bootstrap diode can be a low-cost one, such as
1N4148 or BAT54. The external 5V can be a fixed 5V
voltage supply from the system, or a 5V output voltage
generated by the RT6264A/B. Note that the BOOT
voltage VBOOT must be lower than 5.5V.
SW
BOOT
5V
0.1
μF
RT6264A/B
DBOOT
CBOOT
Figure 10. External Bootstrap Diode
External Bootstrap Resistor (Optional)
The gate driver of an internal power MOSFET, utilized
as a high-side switch, is optimized for turning on the
switch. The gate driver is not only fast enough for
reducing switching power loss, but also slow enough
for minimizing EMI. The EMI issue is worse when the
switch is turned on rapidly due to the induced high di/dt
noises. When the high-side switch is turned off, the
discharging time on SW node is relatively slow
because there’s the presence of dead time, both
high-side and low-side MOSFETs are turned off in this
interval. In some cases, it is desirable to reduce EMI
further, even at the expense of some additional power
dissipation. The turn-on rate of the high-side switch can
be slowed by placing a small bootstrap resistor RBOOT
between the BOOT pin and the external bootstrap
capacitor as shown in Figure 11. The recommended
range for the RBOOT is several ohms to 47 ohms, and it
could be 0402 or 0603 in size.
This will slow down the rates of the high-side switch
turn on and the rise of VSW. In order to improve EMI
performance
and
enhancement
of
the
internal
MOSFET switch, the recommended application circuit
is shown in Figure 12, which includes an external
bootstrap diode for charging the bootstrap capacitor
and a bootstrap resistor RBOOT placed between the
BOOT pin and the capacitor/diode connection.
SW
BOOT
CBOOT
RT6264A/B
RBOOT
0.1
μF
Figure 11. External Bootstrap Resistor at the BOOT
Pin
SW
BOOT
5V
0.1
μF
RT6264A/B
RBOOT
DBOOT
CBOOT
Figure12. External Bootstrap Diode and Resistor at
the BOOT Pin
Thermal Considerations
In many applications, the RT6264A/B does not
generate much heat due to its high efficiency and low
thermal resistance of its TSOT-23-6 (FC) package.
However, in applications which the RT6264A/B runs at
a high ambient temperature and high input voltage, the
generated heat may exceed the maximum junction
temperature of the part.
The RT6264A/B includes an over-temperature protection
(OTP) circuitry to prevent overheating due to excessive
power dissipation. If the junction temperature reaches
approximately 155°C, the RT6264A/B stops switching
the power MOSFETs until the temperature is cooled
down by 35°C.
Note that the over-temperature protection is intended to
protect
the
device
during
momentary
overload
conditions. The protection is activated outside of the
absolute maximum range of operation as a secondary
fail-safe and therefore should not be relied upon
operationally.
Continuous
operation
above
the
specified
absolute
maximum
operating
junction
temperature
may
impair
device
reliability
or
permanently damage the device.
The maximum power dissipation can be calculated by
the following formula :
A
D MAX
J MAX
JA EFFECTIVE
P
= T
T
/
θ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com