Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GBJ35005 Datasheet(PDF) 2 Page - SMC Diode Solutions Co. LTD

No. de pieza GBJ35005
Descripción Electrónicos  Single-Phase 35.0A Glass Passivated Bridge Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SMCDIODE [SMC Diode Solutions Co. LTD]
Página de inicio  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

GBJ35005 Datasheet(HTML) 2 Page - SMC Diode Solutions Co. LTD

  GBJ35005 Datasheet HTML 1Page - SMC Diode Solutions Co. LTD GBJ35005 Datasheet HTML 2Page - SMC Diode Solutions Co. LTD GBJ35005 Datasheet HTML 3Page - SMC Diode Solutions Co. LTD GBJ35005 Datasheet HTML 4Page - SMC Diode Solutions Co. LTD GBJ35005 Datasheet HTML 5Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Technical Data
Data Sheet N1805, Rev. B
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
GBJ35005
THRU
GBJ3510
Type Number
Symbol
GBJ
35005
GBJ
3501
GBJ
3502
GBJ
3504
GBJ
3506
GBJ
3508
GBJ
3510 Units
Forward Voltage (per element)
@IF =17.5A
@IF =35A
VF
1.0
1.1
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage @TA = 125°C
IRM
5
500
µA
Typical Junction Capacitance(per leg)
(Note 1)
CJ
75
pF
* Pulse width < 300 µs, duty cycle < 2%
Type Number
Symbol
GBJ
35005
GBJ
3501
GBJ
3502
GBJ
3504
GBJ
3506
GBJ
3508
GBJ
3510 Units
Typical Thermal Resistance Junction to Ambient,
Without heatsink
Typical Thermal Resistance Junction to Case,
With heatsink(Note 2)
RθJA
RθJc
22
1.5
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Note: 1- Measured at 1 MHZ and applied reverse voltage of 4.0 VDC.
2-The heatsink are dimensioned as 25*17*4cm and the material is aluminum.
Electrical Characteristics@TA=25°C unless otherwise specified
Thermal-Mechanical Specifications:
Ratings and Characteristics Curves



Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com