Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

M95040-RMN3P/S Datasheet(PDF) 14 Page - STMicroelectronics

No. de pieza M95040-RMN3P/S
Descripción Electrónicos  4 Kbit, 2 Kbit and 1 Kbit Serial SPI bus EEPROM with high speed Clock
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95040-RMN3P/S Datasheet(HTML) 14 Page - STMicroelectronics

Back Button M95040-RMN3P/S Datasheet HTML 10Page - STMicroelectronics M95040-RMN3P/S Datasheet HTML 11Page - STMicroelectronics M95040-RMN3P/S Datasheet HTML 12Page - STMicroelectronics M95040-RMN3P/S Datasheet HTML 13Page - STMicroelectronics M95040-RMN3P/S Datasheet HTML 14Page - STMicroelectronics M95040-RMN3P/S Datasheet HTML 15Page - STMicroelectronics M95040-RMN3P/S Datasheet HTML 16Page - STMicroelectronics M95040-RMN3P/S Datasheet HTML 17Page - STMicroelectronics M95040-RMN3P/S Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
Operating features
M95040, M95020, M95010
14/42
4.3
Data Protection and Protocol control
To help protect the device from data corruption in noisy or poorly controlled environments, a
number of safety features have been built in to the device. The main security measures can
be summarized as follows:
●
The WEL bit is reset at power-up.
●
Chip Select (S) must rise after the eighth clock count (or multiple thereof) in order to
start a non-volatile Write cycle (in the memory array or in the Status Register).
●
Accesses to the memory array are ignored during the non-volatile programming cycle,
and the programming cycle continues unaffected.
●
Invalid Chip Select (S) and Hold (HOLD) transitions are ignored.
For any instruction to be accepted and executed, Chip Select (S) must be driven High after
the rising edge of Serial Clock (C) that latches the last bit of the instruction, and before the
next rising edge of Serial Clock (C).
For this, “the last bit of the instruction” can be the eighth bit of the instruction code, or the
eighth bit of a data byte, depending on the instruction (except in the case of RDSR and
READ instructions). Moreover, the "next rising edge of CLOCK" might (or might not) be the
next bus transaction for some other device on the bus.
When a Write cycle is in progress, the device protects it against external interruption by
ignoring any subsequent READ, WRITE or WRSR instruction until the present cycle is
complete.
Table 3.
Write-Protected block size
Status Register Bits
Protected Block
Array Addresses Protected
BP1
BP0
M95040
M95020
M95010
0
0
none
none
none
none
0
1
Upper quarter
180h - 1FFh
C0h - FFh
60h - 7Fh
1
0
Upper half
100h - 1FFh
80h - FFh
40h - 7Fh
1
1
Whole memory
000h - 1FFh
00h - FFh
00h - 7Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com