Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM3886 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza LM3886
Descripción Electrónicos  Overture TM Audio Power Amplifier Series High-Performance 68W Audio Power Amplifier w/Mute
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3886 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM3886_03 Datasheet HTML 1Page - National Semiconductor (TI) LM3886_03 Datasheet HTML 2Page - National Semiconductor (TI) LM3886_03 Datasheet HTML 3Page - National Semiconductor (TI) LM3886_03 Datasheet HTML 4Page - National Semiconductor (TI) LM3886_03 Datasheet HTML 5Page - National Semiconductor (TI) LM3886_03 Datasheet HTML 6Page - National Semiconductor (TI) LM3886_03 Datasheet HTML 7Page - National Semiconductor (TI) LM3886_03 Datasheet HTML 8Page - National Semiconductor (TI) LM3886_03 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Electrical Characteristics (Notes 5, 6) (Continued)
The following specifications apply for V
+ = +28V, V= −28V, I
MUTE = −0.5 mA with RL =4
Ω unless otherwise specified. Limits
apply for T
A = 25˚C.
Symbol
Parameter
Conditions
LM3886
Units
(Limits)
Typical
(Note 10)
Limit
(Note 11)
CMRR
(Note 3)
Common Mode Rejection Ratio
V
+ = 60V to 20V, V= −20V to −60V,
V
CM = 20V to −20V, Io =0mA
110
85
dB (min)
A
VOL
(Note 3)
Open Loop Voltage Gain
|V
+|=|V| = 28V, R
L =2k
Ω, ∆V
O = 40V
115
90
dB (min)
GBWP
Gain-Bandwidth Product
|V
+|=|V| = 30V
f
O = 100 kHz, VIN = 50 mVrms
8
2
MHz (min)
e
IN (Note 4)
Input Noise
IHF — A Weighting Filter
R
IN = 600
Ω (Input Referred)
2.0
10
µV (max)
SNR
Signal-to-Noise Ratio
P
O = 1W, A-Weighted,
Measured at 1 kHz, R
S =25
92.5
dB
P
O = 60W, A-Weighted,
Measured at 1 kHz, R
S =25
110
dB
IMD
Intermodulation Distortion Test
60 Hz, 7 kHz, 4:1 (SMPTE)
60 Hz, 7 kHz, 1:1 (SMPTE)
0.004
0.009
%
Note 2: Operation is guaranteed up to 84V, however, distortion may be introduced from SPIKe Protection Circuitry if proper thermal considerations are not taken
into account. Refer to the Thermal Considerations section for more information. (See SPIKe Protection Response)
Note 3: DC Electrical Test; refer to Test Circuit #1.
Note 4: AC Electrical Test; refer to Test Circuit #2.
Note 5: All voltages are measured with respect to the GND pin (pin 7), unless otherwise specified.
Note 6: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional, but do not guarantee specific performance limits. Electrical Characteristics state DC and AC electrical specifications under particular test conditions which
guarantee specific performance limits. This assumes that the device is within the Operating Ratings. Specifications are not guaranteed for parameters where no limit
is given, however, the typical value is a good indication of device performance.
Note 7: For operating at case temperatures above 25˚C, the device must be derated based on a 150˚C maximum junction temperature and a thermal resistance
of
θJC = 1.0 ˚C/W (junction to case). Refer to the Thermal Resistance figure in the Application Information section under Thermal Considerations.
Note 8: Human body model, 100 pF discharged through a 1.5 k
Ω resistor.
Note 9: The operating junction temperature maximum is 150˚C, however, the instantaneous Safe Operating Area temperature is 250˚C.
Note 10: Typicals are measured at 25˚C and represent the parametric norm.
Note 11: Limits are guaranteed to National’s AOQL (Average Outgoing Quality Level).
Note 12: The LM3886T package TA11B is a non-isolated package, setting the tab of the device and the heat sink at Vpotential when the LM3886 is directly
mounted to the heat sink using only thermal compound. If a mica washer is used in addition to thermal compound,
θCS (case to sink) is increased, but the heat sink
will be isolated from V.
Note 13: The feedback compensation network limits the bandwidth of the closed-loop response and so the slew rate will be reduced due to the high frequency
roll-off. Without feedback compensation, the slew rate is typically larger.
Note 14: Vmust have at least −9V at its pin with reference to ground in order for the under-voltage protection circuitry to be disabled.
Note 15: The output dropout voltage is the supply voltage minus the clipping voltage. Refer to the Clipping Voltage vs Supply Voltage graph in the Typical
Performance Characteristics section.
Note 16: The Differential Input Voltage Absolute Maximum Rating is based on supply voltages of V+ = +40V and V= −40V.
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24