| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
L6926Q1TR Datasheet(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L6926Q1TR Datasheet(HTML) 13 Page - STMicroelectronics |
|
13 / 17 page ![]() L6926 Package mechanical data 13/17 Figure 4. VFSON8 mechanical data & package dimensions OUTLINE AND MECHANICAL DATA DIM. mm inch MIN. TYP. MAX. MIN. TYP. MAX. A 0.80 0.85 1.00 0.031 0.034 0.039 A1 0.05 0.0019 b 0.25 0.30 0.35 0.0098 0.012 0.0137 D 2.85 3.00 3.15 0.1122 0.118 0.1240 D2 2.20 2.30 2.40 0.0866 0.0905 0.0944 E 4.75 4.90 5.05 0.1870 0.1929 0.1988 E2 3.00 3.10 3.20 0.1181 0.1220 0.1259 e 0.65 0.0255 L 0.45 0.65 0.0177 0.0255 ddd 0.05 0.0019 VFSON8 (3x4.9x1.0mm, Pitch 0.65) Very thin Fine pitch Small Outline No lead 7575057 A |