Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HCF4049UBEY Datasheet(PDF) 8 Page - STMicroelectronics

No. de pieza HCF4049UBEY
Descripción Electrónicos  HEX BUFFER/CONVERTER (INVERTING)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4049UBEY Datasheet(HTML) 8 Page - STMicroelectronics

  HCF4049UBEY Datasheet HTML 1Page - STMicroelectronics HCF4049UBEY Datasheet HTML 2Page - STMicroelectronics HCF4049UBEY Datasheet HTML 3Page - STMicroelectronics HCF4049UBEY Datasheet HTML 4Page - STMicroelectronics HCF4049UBEY Datasheet HTML 5Page - STMicroelectronics HCF4049UBEY Datasheet HTML 6Page - STMicroelectronics HCF4049UBEY Datasheet HTML 7Page - STMicroelectronics HCF4049UBEY Datasheet HTML 8Page - STMicroelectronics HCF4049UBEY Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
HCF4049UB
8/9
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
330
12.992
C
12.8
13.2
0.504
0.519
D
20.2
0.795
N
60
2.362
T
22.4
0.882
Ao
6.45
6.65
0.254
0.262
Bo
10.3
10.5
0.406
0.414
Ko
2.1
2.3
0.082
0.090
Po
3.9
4.1
0.153
0.161
P
7.9
8.1
0.311
0.319
Tape & Reel SO-16 MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9