| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DIX4192IPFBT Datasheet(PDF) 14 Page - Burr-Brown (TI) |
|
|
|
|||||||||||||||||||||||||||||
DIX4192IPFBT Datasheet(HTML) 14 Page - Burr-Brown (TI) |
|
14 / 60 page ![]() www.ti.com MSB LSB MSB LSB MSB LSB MSB LSB LSB MSB LSB MSB LRCKA LRCKB BC A K BC B K Audio Daa t LRCKA LRCKB BC A K BC B K Audio Daa t LRCKA LRCKB BC A K BC B K Audio Daa t (a) Left-JustifiedData For a m t (b)Right-Justif e Da i d taForm t a (c)I S DataFo m t r a 2 1/f s Channel1(LeftChannel) Channel2(RightChannel) OVERVIEW OF THE AES3 DIGITAL AUDIO INTERFACE PROTOCOL DIX4192 SBFS031C – JANUARY 2006 – REVISED JUNE 2006 PRODUCT OVERVIEW (continued) Figure 7. Audio Data Formats This section introduces the basics of digital audio interface protocols pertaining to the transmitter (DIT) and receiver (DIR) blocks of the DIX4192. Emphasis is placed upon defining the basic terminology and characteristics associated with the AES3-2003 standard protocol, the principles of which may also be applied to a number of consumer-interface variations, including S/PDIF, IEC-60958, and EIAJ CP-1201. It is assumed that the reader is familiar with the AES3 and S/PDIF interface formats. Additional information is available from the sources listed in the Reference Documents section. The AES3-2003 standard defines a technique for two-channel linear PCM data transmission over 110 Ω shielded twisted-pair cable. The AES-3id document extends the AES3 interface to applications employing 75 Ω coaxial cable connections. In addition, consumer transmission variants, such as those defined by the S/PDIF, IEC 60958, and CP-1201 standards, utilize the same encoding techniques but with different physical interfaces or transmission media. Channel status data definitions also vary between professional and consumer interface implementations. 14 Submit Documentation Feedback |