| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MPC850EC Datasheet(PDF) 9 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
MPC850EC Datasheet(HTML) 9 Page - Motorola, Inc |
|
9 / 68 page ![]() MOTOROLA MPC850 (Rev. A/B/C) Hardware Specifications 9 Part V Power Considerations The average chip-junction temperature, TJ, in °C can be obtained from the equation: TJ = TA + (P D • θJA ) (1) where T A = Ambient temperature, °C θ JA = Package thermal resistance, junction to ambient, °C/W P D = P INT + P I/O P INT = I DD x V DD , watts—chip internal power P I/O = Power dissipation on input and output pins—user determined Input low voltage VIL GND 0.8 V EXTAL, EXTCLK input high voltage VIHC 0.7*(VCC) VCC+0.3 V Input leakage current, Vin = 5.5 V (Except TMS, TRST, DSCK and DSDI pins) Iin — 100 µA Input leakage current, Vin = 3.6V (Except TMS, TRST, DSCK and DSDI pins) IIn —10 µA Input leakage current, Vin = 0V (Except TMS, TRST, DSCK and DSDI pins) IIn —10 µA Input capacitance Cin —20 pF Output high voltage, IOH = -2.0 mA, VDDH = 3.0V except XTAL, XFC, and open-drain pins VOH 2.4 — V Output low voltage IOL = 2.0 mA CLKOUT IOL = 3.2 mA 1 IOL = 5.3 mA 2 IOL = 7.0 mA PA[14]/USBOE, PA[12]/TXD2 IOL = 8.9 mA TS, TA, TEA, BI, BB, HRESET, SRESET VOL — 0.5 V 1 A[6:31], TSIZ0/REG, TSIZ1, D[0:31], DP[0:3]/IRQ[3:6], RD/WR, BURST, RSV/IRQ2, IP_B[0:1]/IWP[0:1]/VFLS[0:1], IP_B2/IOIS16_B/AT2, IP_B3/IWP2/VF2, IP_B4/LWP0/VF0, IP_B5/LWP1/VF1, IP_B6/DSDI/AT0, IP_B7/PTR/AT3, PA[15]/USBRXD, PA[13]/RXD2, PA[9]/L1TXDA/SMRXD2, PA[8]/L1RXDA/SMTXD2, PA[7]/CLK1/TIN1/L1RCLKA/BRGO1, PA[6]/CLK2/TOUT1/TIN3, PA[5]/CLK3/TIN2/L1TCLKA/BRGO2, PA[4]/CLK4/TOUT2/TIN4, PB[31]/SPISEL, PB[30]/SPICLK/TXD3, PB[29]/SPIMOSI /RXD3, PB[28]/SPIMISO/BRGO3, PB[27]/I2CSDA/BRGO1, PB[26]/I2CSCL/BRGO2, PB[25]/SMTXD1/TXD3, PB[24]/SMRXD1/RXD3, PB[23]/SMSYN1/SDACK1, PB[22]/SMSYN2/SDACK2, PB[19]/L1ST1, PB[18]/RTS2/L1ST2, PB[17]/L1ST3, PB[16]/L1RQa/L1ST4, PC[15]/DREQ0/L1ST5, PC[14]/DREQ1/RTS2/L1ST6, PC[13]/L1ST7/RTS3, PC[12]/L1RQa/L1ST8, PC[11]/USBRXP, PC[10]/TGATE1/USBRXN, PC[9]/CTS2, PC[8]/CD2/TGATE1, PC[7]/USBTXP, PC[6]/USBTXN, PC[5]/CTS3/L1TSYNCA/SDACK1, PC[4]/CD3/L1RSYNCA, PD[15], PD[14], PD[13], PD[12], PD[11], PD[10], PD[9], PD[8], PD[7], PD[6], PD[5], PD[4], PD[3] 2 BDIP/GPL_B5, BR, BG, FRZ/IRQ6, CS[0:5], CS6/CE1_B, CS7/CE2_B, WE0/BS_AB0/IORD, WE1/BS_AB1/IOWR, WE2/BS_AB2/PCOE, WE3/BS_AB3/PCWE, GPL_A0/GPL_B0, OE/GPL_A1/GPL_B1, GPL_A[2:3]/GPL_B[2:3]/CS[2:3], UPWAITA/GPL_A4/AS, UPWAITB/GPL_B4, GPL_A5, ALE_B/DSCK/AT1, OP2/MODCK1/STS, OP3/MODCK2/DSDO Table 5. DC Electrical Specifications (continued) Characteristic Symbol Min Max Unit |