Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MASTERGAN2 Datasheet(PDF) 23 Page - STMicroelectronics

No. de pieza MASTERGAN2
Descripción Electrónicos  High power density 600V Half bridge driver with two enhancement mode GaN HEMT
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MASTERGAN2 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button MASTERGAN2 Datasheet HTML 19Page - STMicroelectronics MASTERGAN2 Datasheet HTML 20Page - STMicroelectronics MASTERGAN2 Datasheet HTML 21Page - STMicroelectronics MASTERGAN2 Datasheet HTML 22Page - STMicroelectronics MASTERGAN2 Datasheet HTML 23Page - STMicroelectronics MASTERGAN2 Datasheet HTML 24Page - STMicroelectronics MASTERGAN2 Datasheet HTML 25Page - STMicroelectronics MASTERGAN2 Datasheet HTML 26Page - STMicroelectronics MASTERGAN2 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
9
Suggested footprint
The MASTERGAN2 footprint for the PCB layout is usually defined based on several design factors such as
assembly plant technology capabilities and board component density. For easy device usage and evaluation, ST
provides the following footprint design, which is suitable for the largest variety of PCBs.
The following footprint indicates the copper area that should be free of solder mask, and shall extend beyond the
indicated areas, especially for EP2 and EP3. To aid thermal dissipation, it is recommended to add thermal vias
under these EPADs to transfer and dissipate device heat to the other PCB copper layers. A PCB layout example
is available with the MASTERGAN2 evaluation board.
Figure 31. Suggested footprint (top view drawing)
TOP VIEW
Dimensions in mm
MASTERGAN2
Suggested footprint
DS13597 - Rev 2.0
page 23/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29