| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HCF4026BEY Datasheet(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
HCF4026BEY Datasheet(HTML) 2 Page - STMicroelectronics |
|
2 / 11 page ![]() HCF4026B 2/11 IINPUT EQUIVALENT CIRCUIT PIN DESCRIPTION FUNCTIONAL DIAGRAM PIN No SYMBOL NAME AND FUNCTION 1 CLOCK Clock Input 10, 12, 13, 9, 11, 6, 7 a to g 7 - Segments Decoded Outputs 2 CLOCK INHIBIT Clock Inhibit Input 15 RESET Reset Input 3 DISPLAY ENABLE IN Display Enable Input 5 CARRY OUT Carry Out Output 4 DISPLAY ENABLE OUT Display Enable Output 14 UNGATED "C" SEG- MENT OUT Ungated "C" Segment Output 8 VSS Negative Supply Voltage 16 VDD Positive Supply Voltage The seven decoded outputs (a, b, c, d, e, f, g) illuminate the proper segments in a seven segment display device used for representing the decimal numbers 0 to 9. The 7-segment outputs go high when the DISPLAY ENABLE IN is high. When the DISPLAY ENABLE IN is low the seven decoded outputs are forced low regardless of the state of the counter. Activation of the display only when required results in significant power savings. This system also facilitates implementation of display character multiplexing. The CARRY OUT and UNGATED "C" SEGMENT signals are not gated by the DISPLAY ENABLE and therefore are available continuously. This feature is a requirement in implementation of certain divider function such a as divide by 60 and divide by 12. |