Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PC7447AMGH1000LB Datasheet(PDF) 22 Page - ATMEL Corporation

No. de pieza PC7447AMGH1000LB
Descripción Electrónicos  PowerPC RISC microprocessor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC7447AMGH1000LB Datasheet(HTML) 22 Page - ATMEL Corporation

Back Button PC7447AMGH1000LB Datasheet HTML 18Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 19Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 20Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 21Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 22Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 23Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 24Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 25Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 26Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
22
5387B–HIREL–07/05
PC7447A [Preliminary]
GND
B5, C3, D6, D13, E17, F3, G17, H4, H7, H9, H11, H13, J6, J8, J10,
J12, K7, K3, K9, K11, K13, L6, L8, L10, L12, M4, M7, M9, M11, M13,
N7, P3, P9, P12, R5, R14, R17, T7, T10, U3, U13, U17, V5, V8, V11,
V15
––
N/A
GND(15)
A17, A19, B13, B16, B18, E12, E19, F13, F16, F18, G19, H18, J14,
L14, M15, M17, M19, N14, N16, P15, P19
––
N/A
GND_SENSE(19)
G12, N13
–
–
N/A
HIT(7)
B2
Low
Output
BVSEL
HRESET
D8
Low
Input
BVSEL
INT
D4
Low
Input
BVSEL
L1_TSTCLK(9)
G8
High
Input
BVSEL
L2_TSTCLK(10)
B3
High
Input
BVSEL
No Connect(11)
A6, A14, A15, B14, B15, C14, C15, C16, C17, C18, C19, D14, D15,
D16, D17, D18, D19, E14, E15, F14, F15, G14, G15, H15, H16, J15,
J16, J17, J18, J19, K15, K16, K17, K18, K19, L15, L16, L17, L18, L19
––
–
LSSD_MODE(6)(12)
E8
Low
Input
BVSEL
MCP
C9
Low
Input
BVSEL
OVDD
B4, C2, C12, D5, F2, H3, J5, K2, L5, M3, N6, P2, P8, P11, R4, R13,
R16, T6, T9, U2, U12, U16, V4, V7, V10, V14
––
N/A
OVDD_SENSE
(16)
E18, G18
–
–
N/A
PLL_CFG[0:4]
B8, C8, C7, D7, A7
High
Input
BVSEL
PMON_IN(13)
D9
Low
Input
BVSEL
PMON_OUT
A9
Low
Output
BVSEL
QACK
G5
Low
Input
BVSEL
QREQ
P4
Low
Output
BVSEL
SHD[0:1](3)
E4, H5
Low
I/O
BVSEL
SMI
F9
Low
Input
BVSEL
SRESET
A2
Low
Input
BVSEL
SYSCLK
A10
–
Input
BVSEL
TA
K6
Low
Input
BVSEL
TBEN
E1
High
Input
BVSEL
TBST
F11
Low
Output
BVSEL
TCK
C6
High
Input
BVSEL
TDI(6)
B9
High
Input
BVSEL
TDO
A4
High
Output
BVSEL
TEA
L1
Low
Input
BVSEL
TEMP_ANODE(17)
N18
TEMP_CATHODE(17)
N19
Table 8-1.
Pinout Listing for the PC7447A, 360 HITCE Package (Continued)
Signal Name
Pin Number
Active
I/O
I/F Select(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44