Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MASTERGAN1TR Datasheet(PDF) 21 Page - STMicroelectronics

No. de pieza MASTERGAN1TR
Descripción Electrónicos  High power density 600V Half bridge driver with two enhancement mode GaN HEMT
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MASTERGAN1TR Datasheet(HTML) 21 Page - STMicroelectronics

Back Button MASTERGAN1TR Datasheet HTML 17Page - STMicroelectronics MASTERGAN1TR Datasheet HTML 18Page - STMicroelectronics MASTERGAN1TR Datasheet HTML 19Page - STMicroelectronics MASTERGAN1TR Datasheet HTML 20Page - STMicroelectronics MASTERGAN1TR Datasheet HTML 21Page - STMicroelectronics MASTERGAN1TR Datasheet HTML 22Page - STMicroelectronics MASTERGAN1TR Datasheet HTML 23Page - STMicroelectronics MASTERGAN1TR Datasheet HTML 24Page - STMicroelectronics MASTERGAN1TR Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
9
Suggested footprint
The MASTERGAN1 footprint for the PCB layout is usually defined based on several design factors such as
assembly plant technology capabilities and board component density. For easy device usage and evaluation, ST
provides the following footprint design, which is suitable for the largest variety of PCBs.
The following footprint indicates the copper area which should be free from the solder mask, while the copper
area shall extend beyond the indicated areas especially for EP2 and EP3. To aid thermal dissipation, it is
recommended to add thermal vias under these EPADs to transfer and dissipate device heat to the other PCB
copper layers. A PCB layout example is available with the MASTERGAN1 evaluation board.
Figure 22. Suggested footprint (top view drawing)
TOP VIEW
Dimensions in mm
MASTERGAN1
Suggested footprint
DS13417 - Rev 3
page 21/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27