| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DSP1A-L2-DC12V-R Datasheet(PDF) 1 Page - Nais(Matsushita Electric Works) |
|
|
|||||||||||||||||||||||||||||
DSP1A-L2-DC12V-R Datasheet(HTML) 1 Page - Nais(Matsushita Electric Works) |
|
1 / 5 page ![]() 234 DSP- RELAYS MINIATURE POWER RELAY IN DS RELAY SERIES DSP1a DSP1 DSP2a 20.2 .795 11.0 .433 10.5 .413 FEATURES • Power types added to DS relay series • High switching capacity: 1a: 8 A 250 V AC / 1a1b, 2a: 5 A 250 V AC • High sensitivity: 190 mW pick-up power • High contact welding resistance • Latching types available • High breakdown voltage 3,000 Vrms between contacts and coil 1,000 Vrms between open contacts Meeting FCC Part 68 • Sealed types are standard SPECIFICATIONS Contact Coil (polarized) (at 20 °C 68°F) Note: All specifications are based on the condition of 25 °C 77°F, 50% R.H. unless otherwise specified. Characteristics Remarks * Specifications will vary with foreign standards certification ratings. *1 Measurement at same location as "Initial breakdown voltage" section *2 Detection current: 10mA *3 Excluding contact bounce time *4 Half-wave pulse of sine wave: 11ms; detection time: 10 µs *5 Half-wave pulse of sine wave: 6ms *6 Detection time: 10 µs *7 Refer to 5. Conditions for operation, transport and storage mentioned in AMBIENT ENVIRONMENT (Page 61). Arrangement 1a 1a1b 2a Contact material Gold flash over silver alloy Initial contact resistance, max. (By voltage drop 6 V DC 1A) 30 m Ω Nominal switching capacity 8A 250 VAC 5A 30 VDC 5A 250 VAC 5A 30 VDC Rating (resistive) Max. switching power 2,000 VA 150 W 1,250 VA 150 W Max. switching voltage 250 V AC, 30 V DC Max. switching current 8 A 5 A Expected life (min. operations) Mechanical (at 180 cpm) 5 ×107 Electrical 105 Minimum operating power Single side stable 192 mW 2 coil latching 192 mW Nominal operating power Single side stable 300 mW 2 coil latching 300 mW Max. operating speed 30 cps. at rated load Initial insulation resistance*1 Min. 1,000 M Ω at 500 V DC Initial breakdown voltage*2 Between open contacts 1,000 Vrms Between contact sets 2,000 Vrms (1a1b, 2a) Between contacts and coil 3,000 Vrms Surge voltage between contacts and coil Min. 5,000 V Set time*3 (at nominal voltage) Max. 10 ms (Approx. 5 ms) Reset time*3 (at nominal voltage) Max. 10 ms (Approx. 4 ms) Operate time*3 (at nominal voltage) Max. 10 ms (Approx. 5 ms) Release time(without diode)*3 (at nominal voltage) Max. 5 ms (Approx. 4 ms) Temperature rise Max. 40 °C (1a1b type) Max. 55 °C (1a, 2a types) Soldering temperature 250 °C (10 s) 300°C (5 s), 350 °C (3 s) Shock resistance Functional*4 Min. 196 m/s2 {20 G} Destructive*5 Min. 980 m/s2 {100 G} Vibration resistance Functional*6 117.6 m/s2 {12 G}, 10 to 55 Hz at double amplitude of 2 mm Destructive 205.8 m/s2 {21 G}, 10 to 55 Hz at double amplitude of 3.5 mm Conditions for operation, transport and storage*7 (Not freezing and condensing at low temperature) –40 °C to +65°C – 40°F 149°F Unit weight Approx. 4.3 g .15 oz TYPICAL APPLICATIONS Office and industrial electronic devices • Terminal devices of information process- ing equipment, such as printer, data re- corder. • Office equipment (copier, facsimile) • Measuring instruments • NC machines, temperature controllers and programmable logic controllers. ORDERING INFORMATION Ex. DSP 1 L DC12V R Contact arrangement 1: 1a1b 1a: 1a 2a: 2a Operating function Nil: Single side stable L2: 2 coil latching Coil voltage DC: 3, 5, 6, 9, 12, 24 V Polarity Nil: Standard polarity R: Reverse polarity (Note) Standard packing–Carton: 50 pcs.; Case: 500 pcs. UL/CSA, VDE approved type is standard. mm inch |
Número de pieza similar - DSP1A-L2-DC12V-R |
|
Descripción similar - DSP1A-L2-DC12V-R |