Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

VV5410C036 Datasheet(PDF) 49 Page - STMicroelectronics

No. de pieza VV5410C036
Descripción Electrónicos  Mono and Colour Digital Video CMOS Image Sensors
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV5410C036 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button VV5410C036 Datasheet HTML 45Page - STMicroelectronics VV5410C036 Datasheet HTML 46Page - STMicroelectronics VV5410C036 Datasheet HTML 47Page - STMicroelectronics VV5410C036 Datasheet HTML 48Page - STMicroelectronics VV5410C036 Datasheet HTML 49Page - STMicroelectronics VV5410C036 Datasheet HTML 50Page - STMicroelectronics VV5410C036 Datasheet HTML 51Page - STMicroelectronics VV5410C036 Datasheet HTML 52Page - STMicroelectronics VV5410C036 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 105 page
background image
Figure 28 : Reseting the Sensor via the Serial Interface (example shown is 4wire output mode)
FH
9H,6H,9H,6H...
N
0
1
D[3:0]
CLKI
Frame
Number
SDA
SCL
2
3
4
5
Start of Frame Line for the 1st
frame of valid video data.
Valid Video data.
setup0[2]
SR0-SR1
“Soft-Reset” Command. At the end of the command the sensor is reset and enters low-power mode.
SR2
The sensor enters low-power mode.
SR3-SR4
“Exit Low Power Mode” Command. Powers-up analogue circuits and initates the sensor’s 4-frame start-up sequence
SR5-SR6
1 Frame of alternating 9H & 6H data on D[3:0] for the host to determine the best sampling phase for the nibble data (D[3:0]).
SR7-SR8
4 Frames after the “Exit Low-Power mode” command, the sensor starts outputing valid video data.
One frame of 9H &6H data.
FH
setup0[0]