Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

P87C58EBAA Datasheet(PDF) 11 Page - NXP Semiconductors

No. de pieza P87C58EBAA
Descripción Electrónicos  CMOS single-chip 8-bit microcontrollers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87C58EBAA Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button P87C58EBAA Datasheet HTML 7Page - NXP Semiconductors P87C58EBAA Datasheet HTML 8Page - NXP Semiconductors P87C58EBAA Datasheet HTML 9Page - NXP Semiconductors P87C58EBAA Datasheet HTML 10Page - NXP Semiconductors P87C58EBAA Datasheet HTML 11Page - NXP Semiconductors P87C58EBAA Datasheet HTML 12Page - NXP Semiconductors P87C58EBAA Datasheet HTML 13Page - NXP Semiconductors P87C58EBAA Datasheet HTML 14Page - NXP Semiconductors P87C58EBAA Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Philips Semiconductors
Preliminary specification
87C54/87C58
CMOS single-chip 8-bit microcontrollers
1996 Aug 16
3-225
DC ELECTRICAL CHARACTERISTICS
Tamb = 0°C to +70°C, VCC = 5V ±10%, VSS = 0V
TEST
LIMITS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP1
MAX
UNIT
VIL
Input low voltage, except EA
–0.5
0.2VCC–0.1
V
VIL1
Input low voltage to EA
0
0.2VCC–0.3
V
VIH1
Input high voltage, XTAL1, RST
0.7VCC
VCC+0.5
V
VOL
Output low voltage, ports 1, 2, 37
IOL = 1.6mA2
0.45
V
VOL1
Output low voltage, port 0, ALE, PSEN7
IOL = 3.2mA2
0.45
V
VOH
Output high voltage, ports 1, 2, 3 3
IOH = –30µA
VCC – 0.7
V
VOH1
Output high voltage (port 0 in external bus mode),
ALE8, PSEN3
IOH = –3.2mA
VCC – 0.7
V
IIL
Logical 0 input current, ports 1, 2, 3
VIN = 0.4V
–50
µA
ITL
Logical 1-to-0 transition current, ports 1, 2, 35
See note 4
–650
µA
ILI
Input leakage current, port 0
0.45 VIN < VCC – 0.3
±10
µA
ICC
Power supply current (See Figure 11):
Active mode @ 16MHz
See note 10
15
32
mA
Idle mode @ 16MHz
3
5
mA
Power-down mode
Tamb = 0 to +70°C
10
75
µA
Tamb = –40 to +85°C
100
µA
RRST
Internal reset pull-down resistor
40
225
k
Ω
CIO
Pin capacitance9 (except EA)
15
pF
NOTES:
1. Typical ratings are not guaranteed. The values listed are at room temperature, 5V.
2. Capacitive loading on ports 0 and 2 may cause spurious noise to be superimposed on the VOLs of ALE and ports 1 and 3. The noise is due
to external bus capacitance discharging into the port 0 and port 2 pins when these pins make 1-to-0 transitions during bus operations. In the
worst cases (capacitive loading > 100pF), the noise pulse on the ALE pin may exceed 0.8V. In such cases, it may be desirable to qualify
ALE with a Schmitt Trigger, or use an address latch with a Schmitt Trigger STROBE input. IOL can exceed these conditions provided that no
single output sinks more than 5mA and no more than two outputs exceed the test conditions.
3. Capacitive loading on ports 0 and 2 may cause the VOH on ALE and PSEN to momentarily fall below the 0.9VCC specification when the
address bits are stabilizing.
4. Pins of ports 1, 2 and 3 source a transition current when they are being externally driven from 1 to 0. The transition current reaches its
maximum value when VIN is approximately 2V.
5. This value applies to Tamb = 0°C to +70°C. For Tamb = –40°C to 85°C, ITL = –750µA.
6. Load capacitance for port 0, ALE, and PSEN = 100pF, load capacitance for all other outputs = 80pF.
7. Under steady state (non-transient) conditions, IOL must be externally limited as follows:
Maximum IOL per port pin:
15mA
Maximum IOL per 8-bit port:
26mA
Maximum total IOL for all outputs:
71mA
If IOL exceeds the test condition, VOL may exceed the related specification. Pins are not guaranteed to sink current greater than the listed
test conditions.
8. ALE is tested to VOH1, except when ALE is off then VOH is the voltage specification.
9. Pin capacitance is characterized but not tested. Pin capacitance is less than 25pF. Pin capacitance of ceramic package is less than 15pF
(except EA it is 25pF).
10. See Figures 12 through 15 for ICC test condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com