Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

P87C58EBPN Datasheet(PDF) 2 Page - NXP Semiconductors

No. de pieza P87C58EBPN
Descripción Electrónicos  CMOS single-chip 8-bit microcontrollers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87C58EBPN Datasheet(HTML) 2 Page - NXP Semiconductors

  P87C58EBPN Datasheet HTML 1Page - NXP Semiconductors P87C58EBPN Datasheet HTML 2Page - NXP Semiconductors P87C58EBPN Datasheet HTML 3Page - NXP Semiconductors P87C58EBPN Datasheet HTML 4Page - NXP Semiconductors P87C58EBPN Datasheet HTML 5Page - NXP Semiconductors P87C58EBPN Datasheet HTML 6Page - NXP Semiconductors P87C58EBPN Datasheet HTML 7Page - NXP Semiconductors P87C58EBPN Datasheet HTML 8Page - NXP Semiconductors P87C58EBPN Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Philips Semiconductors
Preliminary specification
87C54/87C58
CMOS single-chip 8-bit microcontrollers
1996 Aug 16
3-216
ORDERING INFORMATION
16k
× 8
EPROM1
32k
× 8
EPROM1
TEMPERATURE RANGE
°C AND PACKAGE
FREQUENCY
DRAWING
NUMBER
P87C54EBP N
P87C58EBP N
OTP
0 to +70, 40-Pin Plastic Dual In-line Package
16MHz
SOT129-1
P87C54EBF FA
P87C58EBF FA
UV
0 to +70, 40-Pin Ceramic Dual In-line Package w/Window
16MHz
0590B
P87C54EBA A
P87C58EBA A
OTP
0 to +70, 44-Pin Plastic Leaded Chip Carrier
16MHz
SOT187-2
P87C54EBL KA
P87C58EBL KA
UV
0 to +70, 44-Pin Ceramic Leaded Chip Carrier w/Window
16MHz
1472A
P87C54EBB B
P87C58EBB B
OTP
0 to +70, 44-Pin Plastic Quad Flat Pack
16MHz
SOT307-2
P87C54EFP N
P87C58EFP N
OTP
–40 to +85, 40-Pin Plastic Dual In-line Package
16MHz
SOT129-1
P87C54EFF FA
P87C58EFF FA
UV
–40 to +85, 40-Pin Ceramic Dual In-line Package w/Window
16MHz
0590B
P87C54EFA A
P87C58EFA A
OTP
–40 to +85, 44-Pin Plastic Leaded Chip Carrier
16MHz
SOT187-2
P87C54EFB B
P87C58EFB B
OTP
–40 to +85, 44-Pin Plastic Quad Flat Pack
16MHz
SOT307-2
P87C54IBP N
P87C58IBP N
OTP
0 to +70, 40-Pin Plastic Dual In-line Package
24MHz
SOT129-1
P87C54IBF FA
P87C58IBF FA
UV
0 to +70, 40-Pin Ceramic Dual In-line Package w/Window
24MHz
0590B
P87C54IBA A
P87C58IBA A
OTP
0 to +70, 44-Pin Plastic Leaded Chip Carrier
24MHz
SOT187-2
P87C54IBL KA
P87C58IBL KA
UV
0 to +70, 44-Pin Ceramic Leaded Chip Carrier w/Window
24MHz
1472A
P87C54IBB B
P87C58IBB B
OTP
0 to +70, 44-Pin Plastic Quad Flat Pack
24MHz
SOT307-2
P87C54IFP N
P87C58IFP N
OTP
–40 to +85, 40-Pin Plastic Dual In-line Package
24MHz
SOT129-1
P87C54IFF FA
P87C58IFF FA
UV
–40 to +85, 40-Pin Ceramic Dual In-line Package w/Window
24MHz
0590B
P87C54IFA A
P87C58IFA A
OTP
–40 to +85, 44-Pin Plastic Leaded Chip Carrier
24MHz
SOT187-2
P87C54IFB B
P87C58IFB B
OTP
–40 to +85, 44-Pin Plastic Quad Flat Pack
24MHz
SOT307-2
NOTE:
1. OTP = One Time Programmable EPROM. UV = Erasable EPROM.
LOGIC SYMBOL
ADDRESS AND
DATA BUS
ADDRESS BUS
T2
T2EX
RxD
TxD
INT0
INT1
T0
T1
WR
RD
RST
EA
PSEN
ALE
VSS
VCC
XTAL1
XTAL2
SU00732



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com