| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
UPC494GS Datasheet(PDF) 15 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPC494GS Datasheet(HTML) 15 Page - Renesas Technology Corp |
|
15 / 21 page ![]() Data Sheet G12649EJ5V0DS00 13 μPC494 3) Step-down Chopper VOUT VCC Output Control GND E2 E1 C1 C2 – +VCC To EA II (Over Current Protection) To EA I + + (40 V MAX.) (11) (9) (8) (10) (7) (13) (12) Remark The dotted line indicates the connection in case of large current. EXAMPLE OF MASTER-SLAVE CONNECTION To synchronize μ PC494 ICs, connect the pin 6 (RT) of a slave IC to pin 14 (Ref Out) of the same IC, and connect both CT pins of master and slave ICs after confirming oscillator of slave IC is stopped. +VCC (M) VCC GND Ref Out RT CT (S) VCC GND Ref Out RT CT RT CT (M) : Master (S) : Slave (12) (5) (6) (7) (14) (12) (5) (6) (7) (14) |