Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UPC1830 Datasheet(PDF) 21 Page - Renesas Technology Corp

No. de pieza UPC1830
Descripción Electrónicos  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC1830 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button UPC1830 Datasheet HTML 17Page - Renesas Technology Corp UPC1830 Datasheet HTML 18Page - Renesas Technology Corp UPC1830 Datasheet HTML 19Page - Renesas Technology Corp UPC1830 Datasheet HTML 20Page - Renesas Technology Corp UPC1830 Datasheet HTML 21Page - Renesas Technology Corp UPC1830 Datasheet HTML 22Page - Renesas Technology Corp UPC1830 Datasheet HTML 23Page - Renesas Technology Corp UPC1830 Datasheet HTML 24Page - Renesas Technology Corp UPC1830 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
µPC1830
19
Figure 5-7. Sync. Separation Waveform
VS in Figure 5-7 represents the slice voltage and can be expressed in the following expression if it is assumed
that CO is sufficiently large, and both IX and ISP are linear.
VS = 2.5
× (RX/RO) × (T2/T1) [V]
The
µPC1830 amplifies the part lower than this slice voltage (VS) to perform sync. separation.
To determine sync. separation sensitivity, change RX to set VS. Decreasing VS is advantageous for separation
of the horizontal sync. part, but disadvantageous for separation of the vertical sync. part. On the contrary,
increasing VS may cause a sync. failure (jitter) due to noise (spikes) of the horizontal sync. part. Therefore, it
is necessary to optimize the constant in accordance with a signal input. As capacitance CO, select a sufficiently
large value compared with the charge/discharge current. However, an excessive value may deteriorate the
excessive response characteristic, failing to catch up with drastic APL variations of the input signal.
The larger RX, the larger the slice level becomes. However, with large RX if the sync. signal level drops (weak
electric field signal, etc.) a video signal may be confused with a sync. signal and sliced, making synchronization
unstable (abnormal).
Caution
Since the measuring circuit uses capacitor coupling for input for ease of measurement, it is
susceptible to APL variations. Therefore, when configuring the actual circuit, use a Sync Tip
clamp circuit in the stage prior to inputting to the emitter follower to stabilize the synchronization
peak potential and this will make the circuit more resistant to APL variations.
(3) Vertical filter circuit
Separates the vertical sync. signal from the sync. signal separated by the sync. separation circuit.
(4) Horizontal sync. detection circuit
Detects the presence of a horizontal sync. signal and changes the AFC time constant.
(5) AFC detection circuit
Performs phase detection on an input sync. signal and fH and outputs the phase difference in voltage.
Stops phase detection for 9H of the vertical blanking period.
(6) 32fH VCO
Controls VCO according to the voltage output by the AFC detection circuit and generates 32fH oscillation clocks.
T1 (4.7
s)
T2 (58.86
s)
Discharge by IX
Charge by ISP
VS
µ
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com