| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SC2450 Datasheet(PDF) 7 Page - Semtech Corporation |
|
|
|||||||||||||||||||||||||||||
SC2450 Datasheet(HTML) 7 Page - Semtech Corporation |
|
7 / 20 page ![]() 7 2001 Semtech Corp. www.semtech.com POWER MANAGEMENT SC2450 Bill of Material for Two Channel Operation Typical Application (Cont.) m e t Iy t Qe c n e r e f e Re u l a V / r e b m u N t r a Pr e r u t c a f u n a M 18 8 C - 1 C. r e C , V 0 5 , F µ 7 4 . 0y n A 23 5 2 C , 4 2 C , 9 C6 0 2 1 , . r e C , F µ 3 3 . 0y n A 32 1 1 C , 0 1 C6 0 2 1 , . r e C , F n 2 2y n A 41 2 1 C6 0 2 1 , . r e C , F µ 1 . 0y n A 52 4 1 C , 3 1 C6 0 2 1 , . r e C , F n 0 1y n A 61 5 1 C6 0 2 1 , . r e C , F p 7 4y n A 76 3 2 C , 2 2 C , 1 2 C , 0 2 C , 9 1 C , 6 1 C. t n a T , V 5 3 , F µ 2 2y n A 82 8 1 C , 7 1 C. m u l A , V 5 3 , F µ 0 8 6y n A 92 7 2 C , 6 2 C6 0 2 1 , . r e C , F n 2 . 2y n A 0 13 0 5 C , 9 2 C , 8 2 C6 0 2 1 , . r e C , F n 0 . 1y n A 1 11 0 3 C6 0 2 1 , . r e C , F µ 0 . 1y n A 2 11 15 4 C , 4 4 C , 3 4 C , 2 4 C , 1 4 C , 0 4 C , 7 3 C , 6 3 C , 3 3 C , 2 3 C , 1 3 C6 0 2 1 , . r e C , F µ 0 1y n A 3 14 9 3 C , 8 3 C , 5 3 C , 4 3 C . m u l A , V 3 . 6 , F µ 0 0 5 1y n A 4 14 6 D , 5 D , 2 D , 1 D , F L E M , y k t t o h c S , V 0 4 , A 1 M 9 1 8 5 N 1 y n A 5 12 4 D , 3 D 0 4 0 Q B 0 3 , y k t t o h c S , V 0 4 , A 3y n A 6 12 2 L , 1 Ls n r u t 9 , r o t c u d n I: s c i t e n g a M u M l o o K 7 A - 6 0 2 7 7 : N / P 7 14 4 M , 3 M , 2 M , 1 M - O T , T E F S O M l e n n a h C - N B A 3 6 2 d li h c r i a F L B 0 3 0 7 B D F : N / P 8 11 1 Q . r w P . d e M , N P N , A 1 , V 0 8 3 2 2 - T O S T C 6 5 P C B 9 12 3 R , 1 R6 0 2 1 , % 5 , 2 . 2y n A 0 22 6 R , 4 R6 0 2 1 , % 5 , 7 . 4y n A 1 24 1 1 R , 7 R , 5 R , 2 R6 0 2 1 , % 5 , 0 . 1y n A 2 21 8 R6 0 2 1 , % 5 , k 6 5y n A 3 22 0 1 R , 9 R6 0 2 1 , % 5 , k 2 . 2y n A 4 21 2 1 R, r o t s i s e r p i h C 2 1 5 2 , % 1 , W 1 , 5 0 0 . 0 y n A |