Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GWIXC1100BBT Datasheet(PDF) 54 Page - Intel Corporation

No. de pieza GWIXC1100BBT
Descripción Electrónicos  Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTEL [Intel Corporation]
Página de inicio  http://www.intel.com
Logo INTEL - Intel Corporation

GWIXC1100BBT Datasheet(HTML) 54 Page - Intel Corporation

Back Button GWIXC1100BBT Datasheet HTML 50Page - Intel Corporation GWIXC1100BBT Datasheet HTML 51Page - Intel Corporation GWIXC1100BBT Datasheet HTML 52Page - Intel Corporation GWIXC1100BBT Datasheet HTML 53Page - Intel Corporation GWIXC1100BBT Datasheet HTML 54Page - Intel Corporation GWIXC1100BBT Datasheet HTML 55Page - Intel Corporation GWIXC1100BBT Datasheet HTML 56Page - Intel Corporation GWIXC1100BBT Datasheet HTML 57Page - Intel Corporation GWIXC1100BBT Datasheet HTML 58Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 134 page
background image
Intel® IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
March 2005
Datasheet
54
Document Number: 252479, Revision: 005
E1
PCI_AD[23]
F1
PCI_AD[20]
G1
PCI_AD[21]
H1
PCI_AD[16]
E2
VCCP
F2
PCI_IDSEL
G2
VCCP
H2
PCI_AD[18]
E3
PCI_REQ_N[2]
F3
VCC
G3
PCI_AD[24]
H3
VCC
E4
VSS
F4
PCI_REQ_N[0]
G4
VSS
H4
PCI_CBE_N[3]
E5
PCI_GNT_N[0]
F5
VCCP
G5
PCI_REQ_N[1]
H5
VCC
E6
SDM_DATA[16]
F6
VCC
G6
VSS
H6
PCI_REQ_N[3]
E7
VCCP
F7
SDM_DATA[31]
E8
SDM_DATA[30]
F8
VSS
E9
VSS
F9
SDM_DATA[17]
E10
SDM_DATA[22]
F10
VCC
E11
VCCP
E12
SDM_DATA[3]
E13
VSS
E14
SDM_DQM[0]
E15
VCCP
E16
SDM_BA[0]
E17
VSS
F17
VCC
E18
SDM_ADDR[7]
F18
SDM_ADDR[4]
E19
VCCP
F19
VSS
E20
SDM_ADDR[3]
F20
USB_DPOS
E21
USB_DNEG
F21
VCC
G21
EX_ADDR[2]
H21
VSS
E22
VCCP
F22
EX_WR_N
G22
VSS
H22
EX_ADDR[11]
E23
VSS
F23
VCC
G23
EX_ADDR[12]
H23
EX_ADDR[18]
E24
EX_ADDR[10]
F24
EX_ADDR[14]
G24
VSS
H24
VCCP
E25
EX_ADDR[15]
F25
VCCP
G25
EX_ADDR[20]
H25
VSS
E26
EX_ADDR[19]
F26
EX_ADDR[21]
G26
EX_ADDR[22]
H26
EX_CS_N[1]
Table 21.
Ball Map Assignment for the Intel® IXP425 Network Processor (Sheet 2 of 7)
Ball
Signal
Ball
Signal
Ball
Signal
Ball
Signal
Note:
Interfaces not being utilized at a system level require external pull-up or pull-down resistors. For specific details and
requirements, see Section 3.0, “Functional Signal Descriptions” on page 33.