Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HATXRCL Datasheet(PDF) 1 Page - Greystone Energy Systems Inc.

No. de pieza HATXRCL
Descripción Electrónicos  HIGH ACCURACY ROOM TEMPERATURE TRANSMITTER WITH LCD
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GREYSTONE [Greystone Energy Systems Inc.]
Página de inicio  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.

HATXRCL Datasheet(HTML) 1 Page - Greystone Energy Systems Inc.

  HATXRCL Datasheet HTML 1Page - Greystone Energy Systems Inc. HATXRCL Datasheet HTML 2Page - Greystone Energy Systems Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GREYSTONE HAS AN ISO 9001 REGISTERED QUALITY SYSTEM
HIGH ACCURACY ROOM TEMPERATURE TRANSMITTER WITH LCD
HATXRCL SERIES
PRODUCT DESCRIPTION
The HATXRCL series room temperature transmitter
with LCD display is an attractive, low profile enclosure
that incorporates a high accuracy temperature sensor
and a transmitter that provides a high accuracy signal
with excellent long term stability, low hysteresis and
fast response for measurement of room temperatures.
Additional options are available Manual override,
Communications jack & Fan speed control.
TYPICAL INSTALLATION
For complete installation and wiring details, please
refer to the product installation instructions.
The HATXRCL series can be mounted directly to a single
gang electrical box or directly to a wall. Insulation foam is
adhered to the back of the enclosure to provide a thermal
barrier from wall temperatures.
A terminal block connection is provided for connection to
the Building Automation System.
POWER SUPPLY
24Vac/dc ±10% (non-isolated half-wave rectified)
CONSUMPTION
40 mA max @ 24 Vdc
INPUT VOLTAGE EFFECT
Negligible over specified operating range
PROTECTION CIRCUITRY
Reverse voltage protected and output limited
OUTPUT SIGNAL
4-20 mA active (sourcing) or 0-5 Vdc or 0-10 Vdc (specify when ordering)
OUTPUT RESOLUTION
10 bit for all signals
OUTPUT DRIVE CAPABILITY
Current: 550Ω max
Voltage: 10,000Ω min
PROGRAMMING AND SELECTION
Via push buttons and on-screen menu
OPERATING CONDITIONS
0 to 50°C (32 to 122°F), 0 to 95 %RH, non-condensing
WIRING CONNECTIONS
Screw terminal block (14 to 22 AWG)
ENCLOSURE
White ABS, IP30 (NEMA 1)
84mm W x 117mm H x 29mm D (3.3” x 4.6” x 1.15”)
LCD DISPLAY
Display Size: 38.1 x 16.5 mm (1.5” x 0.65”)
Digit Height: 11.43 mm (0.45“)
Symbols: ˚C, ˚F, OCC
Backlight: Enable or disable via menu
TEMPERATURE
Accuracy: ±0.1°C (±0.18°F)
Range: 0 to 35°C (32 to 95°F) or 0 to 50°C (32 to 122°F) programmable
Offset: ±9°F programmable
Units: °C or °F programmable
Resolution: 0.5° < 100°, 1° > 100°
OPTIONAL OVERRIDE
Front Panel Push Button: 2 wire dry contact
Switch Ratings: N.O., SPST, 50 mA @ 12 Vdc
OCCUPIED INPUT
Signal Type: Digital input, 0/5 Vdc or dry contact to common
Logic: Active low or active high, programmable
Action: Causes “OCC” segment to light on LCD
OPTIONAL FAN SPEED SWITCH
Type: Side mounted, 5 position slide switch
Designators: Off, Auto, Low, Medium, High
Signal: 2 wire, resistance output - 0, 2, 4, 6, 8 KΩ,
Custom ranges available, contact Greystone
OPTIONAL COMMUNICATION JACKS
3.5mm phono jack Ring/Mid/Tip connections to a 3-pin terminal block
COUNTRY OF ORIGIN
Canada
SPECIFICATIONS
119 mm
4.7“
29 mm
1.15 “
82.6 mm
3.25 “
58 mm
2.3 “
84 mm
3.3“


Número de pieza similar - HATXRCL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Greystone Energy System...
HATXRC GREYSTONE-HATXRC Datasheet
194Kb / 2P
HIGH ACCURACY ROOM TEMPERATURE TRANSMITTERS
More results

Descripción similar - HATXRCL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Greystone Energy System...
PS-HAHRC GREYSTONE-PS-HAHRC Datasheet
690Kb / 2P
HIGH ACCURACY ROOM HUMIDITY TRANSMITTER
PS-HATDAP GREYSTONE-PS-HATDAP Datasheet
316Kb / 2P
HIGH ACCURACY ALL PURPOSE TEMPERATURE TRANSMITTER WITH LCD
PS-HATDFL GREYSTONE-PS-HATDFL Datasheet
280Kb / 2P
HIGH ACCURACY FLYING LEAD TEMPERATURE TRANSMITTER WITH LCD
PS-HATDGL GREYSTONE-PS-HATDGL Datasheet
265Kb / 2P
HIGH ACCURACY GLASS TEMPERATURE TRANSMITTER WITH LCD
PS-HATDHR GREYSTONE-PS-HATDHR Datasheet
290Kb / 2P
HIGH ACCURACY HEAVY DUTY ROOM TEMPERATURE TRANSMITTER WITH LCD
PS-HATDSO GREYSTONE-PS-HATDSO Datasheet
312Kb / 2P
HIGH ACCURACY STRAP-ON TEMPERATURE TRANSMITTER WITH LCD
PS-HAHTRC GREYSTONE-PS-HAHTRC Datasheet
315Kb / 2P
HIGH ACCURACY ROOM HUMIDITY / TEMPERATURE TRANSMITTER
PS-HANTRC GREYSTONE-PS-HANTRC Datasheet
219Kb / 2P
HIGH ACCURACY ROOM HUMIDITY / TEMPERATURE TRANSMITTER
TDHR GREYSTONE-TDHR Datasheet
218Kb / 2P
HEAVY DUTY ROOM TEMPERATURE TRANSMITTER WITH LCD
TXRCL GREYSTONE-TXRCL Datasheet
252Kb / 2P
ROOM TEMPERATURE TRANSMITTER WITH LCD
01/20
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com