| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BD034 Datasheet(PDF) 1 Page - Nanjing International Group Co |
|
|
|||||||||||||||||||||||||||||
BD034 Datasheet(HTML) 1 Page - Nanjing International Group Co |
|
1 / 3 page ![]() TO – 126 1. EMITTER 2. COLLECTOR 3. BASE BD034 TRANSISTOR (PNP) FEATURES High Transition Frequency High Collector Current MAXIMUM RATINGS (Ta=25 ℃ unless otherwise noted) Symbol Parameter Value Unit VCBO Collector-Base Voltage -110 V VCEO Collector-Emitter Voltage -95 V VEBO Emitter-Base Voltage -7 V IC Collector Current -2.5 A PC Collector Power Dissipation 1.25 W RθJA Thermal Resistance From Junction To Ambient 100 ℃/W Operation Junction and Storage Temperature Range ℃ TJ,Tstg -55~+150 0$5.,1* Equivalent Circuit BD034 'HYLFHFoGH ;; &ode B D034 XX ORDERING INFORMATION Part Number Package Packing Method Pack Quantity BD034 TO-126 Bulk BD034-TU TO-126 Tube 60pcs/Tube 200pcs/Bag TO-126 Plastic-Encapsulate Transistors DONGGUAN NANJING ELECTRONICS LTD., 1/3 Dongguan Nanjing Electronics Ltd. www.dgnjdz.com |
Número de pieza similar - BD034 |
|
Descripción similar - BD034 |