| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TOP250Y Datasheet(PDF) 12 Page - Power Integrations, Inc. |
|
|
|||||||||||||||||||||||||||||
TOP250Y Datasheet(HTML) 12 Page - Power Integrations, Inc. |
|
12 / 52 page ![]() TOP242-250 12 G 1/02 ✔ ✔✔ ✔ ✔✔ ✔ ✔✔ ✔ ✔✔ ✔ ✔ ✔ ✔✔✔ ✔ Table 3. Typical MULTI-FUNCTION Pin Configurations. MULTI-FUNCTION PIN TABLE* 30 31 32 33 34 35 36 37 38 39 40 Figure Number Three Terminal Operation Under-Voltage Overvoltage Line Feed Forward (DC MAX) Overload Power Limiting External Current Limit Remote ON/OFF Figure 11 for a description of the functions where the horizon- tal axis (left hand side) represents the EXTERNAL CURRENT LIMIT pin current. The meaning of the vertical axes varies with function. For those that control the on/off states of the output such as remote ON/OFF, the vertical axis represents the enable/disable states of the output. For external current limit, the vertical axis represents the magnitude of the I LIMIT. Please see graphs in the typical performance characteristics section for the current limit programming range and the selection of appropriate resistor value. MULTI-FUNCTION (M) Pin Operation (P and G Packages) The LINE-SENSE and EXTERNAL CURRENT LIMIT pin functions are combined to a single MULTI-FUNCTION pin for P and G packages. The comparator with a 1 V threshold at the LINE-SENSE pin is removed in this case as shown in Figure 2b. All of the other functions are kept intact. However, since some of the functions require opposite polarity of input current (MULTI-FUNCTION pin), they are mutually exclusive. For example, line sensing features cannot be used simultaneously with external current limit setting. When current is fed into the MULTI-FUNCTION pin, it works as a voltage source of approximately 2.6 V up to a maximum current of +400 µA (typical). At +400 µA, this pin turns into a constant current sink. When current is drawn out of the MULTI- FUNCTION pin, it works as a voltage source of approximately 1.3 V up to a maximum current of –240 µA (typical). At –240 µA, it turns into a constant current source. Refer to Figure 12b. There are a total of five functions available through the use of the MULTI-FUNCTION pin: OV, UV, line feed forward with DC MAX reduction, external current limit and remote ON/OFF. A short circuit between the MULTI-FUNCTION pin and SOURCE pin disables all five functions and forces TOPSwitch-GX to operate in a simple three terminal mode like TOPSwitch-II. The MULTI-FUNCTION pin is typically used for line sensing by connecting a resistor from this pin to the rectified DC high voltage bus to implement OV, UV and DC MAX reduction with line voltage. In this mode, the value of the resistor determines the line OV/UV thresholds, and the DC MAX is reduced linearly with rectified DC high voltage starting from just above the UV threshold. In high efficiency applications this pin can be used in the external current limit mode instead, to reduce the current limit externally to a value close to the operating peak current, by connecting the pin to the SOURCE pin through a resistor. The same pin can also be used as a remote on/off and a synchronization input in both modes. Please refer to Table 3 for possible combinations of the functions with example circuits shown in Figure 30 through Figure 40. A description of specific functions in terms of the MULTI- FUNCTION pin I/V characteristic is shown in Figure 11. The horizontal axis represents MULTI-FUNCTION pin current with positive polarity indicating currents flowing into the pin. The meaning of the vertical axes varies with functions. For those that control the on/off states of the output such as UV, OV and remote ON/OFF, the vertical axis represents the enable/ disable states of the output. UV triggers at I UV (+50 µA typical) and OV triggers at I OV (+225 µA typical with 30 µA hysteresis). Between the UV and OV thresholds, the output is enabled. For external current limit and line feed forward with DC MAX reduction, the vertical axis represents the magnitude of the I LIMIT and DCMAX. Line feed forward with DCMAX reduction lowers maximum duty cycle from 78% at I M(DC) (+60 µA typical) to 38% at I OV (+225 µA). External current limit is available only with negative MULTI-FUNCTION pin current. Please see graphs in the typical performance characteristics section for the current limit programming range and the selection of appropriate resistor value. *This table is only a partial list of many MULTI-FUNCTION pin configurations that are possible. |