| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TOP243F Datasheet(PDF) 33 Page - Power Integrations, Inc. |
|
|
|||||||||||||||||||||||||||||
TOP243F Datasheet(HTML) 33 Page - Power Integrations, Inc. |
|
33 / 52 page ![]() TOP242-250 33 G 1/02 the part-to-part variation of the R DS(ON) of TOPSwitch-GX as specified in the data sheet. The margin required can either be calculated from the tolerances or it can be accounted for by connecting an external resistance in series with the DRAIN pin and attached to the same heatsink, having a resistance value that is equal to the difference between the measured R DS(ON) of the device under test and the worst case maximum specification. Figure 49. Layout Considerations for TOPSwitch-GX using R Package. Design Tools Up to date information on design tools can be found at the Power Integrations Web site: www.powerint.com - HV + - DC Out PI-2734-043001 T r a n s f o r m e r Safety Spacing Y1- Capacitor Solder Side Component Side Opto- coupler + Output Filter Capacitors Maximize hatched copper areas( ) for optimum heat sinking TOP VIEW Input Filter Capacitor R1a - 1c PRI PRI SEC BIAS TOPSwitch-GX S L C X D |