Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GWKAFHB6.CM-RPRS-35S3 Datasheet(PDF) 16 Page - ams AG

No. de pieza GWKAFHB6.CM-RPRS-35S3
Descripción Electrónicos  The SOLERIQ® S products were specifically designed for applications requiring large flux packages out of a compact area.
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMSCO [ams AG]
Página de inicio  http://www.ams.com
Logo AMSCO - ams AG

GWKAFHB6.CM-RPRS-35S3 Datasheet(HTML) 16 Page - ams AG

Back Button GWKAFHB6.CM-RPRS-35S3 Datasheet HTML 12Page - ams AG GWKAFHB6.CM-RPRS-35S3 Datasheet HTML 13Page - ams AG GWKAFHB6.CM-RPRS-35S3 Datasheet HTML 14Page - ams AG GWKAFHB6.CM-RPRS-35S3 Datasheet HTML 15Page - ams AG GWKAFHB6.CM-RPRS-35S3 Datasheet HTML 16Page - ams AG GWKAFHB6.CM-RPRS-35S3 Datasheet HTML 17Page - ams AG GWKAFHB6.CM-RPRS-35S3 Datasheet HTML 18Page - ams AG GWKAFHB6.CM-RPRS-35S3 Datasheet HTML 19Page - ams AG GWKAFHB6.CM-RPRS-35S3 Datasheet HTML 20Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
GW KAFHB6.CM
DATASHEET
DATASHEET
16 | Version 1.4 | 2023-07-11
Notes
The evaluation of eye safety occurs according to the standard IEC 62471:2006 (photo biological safety of
lamps and lamp systems). Within the risk grouping system of this IEC standard, the device specified in this
data sheet fall into the class moderate risk (exposure time 0.25 s). Under real circumstances (for exposure
time, conditions of the eye pupils, observation distance), it is assumed that no endangerment to the eye ex-
ists from these devices. As a matter of principle, however, it should be mentioned that intense light sources
have a high secondary exposure potential due to their blinding effect. When looking at bright light sources
(e.g. headlights), temporary reduction in visual acuity and afterimages can occur, leading to irritation, annoy-
ance, visual impairment, and even accidents, depending on the situation.
Subcomponents of this device contain, in addition to other substances, metal filled materials including silver.
Metal filled materials can be affected by environments that contain traces of aggressive substances. There-
fore, we recommend that customers minimize device exposure to aggressive substances during storage,
production, and use. Devices that showed visible discoloration when tested using the described tests above
did show no performance deviations within failure limits during the stated test duration. Respective failure
limits are described in the IEC60810.
This device is designed for specific/recommended applications only. Please consult OSRAM Opto
Semiconductors Sales Staff in advance for detailed information on other non-recommended applications
(e.g. automotive).
Change management for this component is aligned with the requirements of the lighting market.
For further application related information please visit https://ams-osram.com/support/application-notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20