Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AS5850-CSDF-256 Datasheet(PDF) 5 Page - ams AG

No. de pieza AS5850-CSDF-256
Descripción Electrónicos  16-Bit 256-Channel Low Noise Charge-to-Digital Converters
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMSCO [ams AG]
Página de inicio  http://www.ams.com
Logo AMSCO - ams AG

AS5850-CSDF-256 Datasheet(HTML) 5 Page - ams AG

  AS5850-CSDF-256 Datasheet HTML 1Page - ams AG AS5850-CSDF-256 Datasheet HTML 2Page - ams AG AS5850-CSDF-256 Datasheet HTML 3Page - ams AG AS5850-CSDF-256 Datasheet HTML 4Page - ams AG AS5850-CSDF-256 Datasheet HTML 5Page - ams AG AS5850-CSDF-256 Datasheet HTML 6Page - ams AG AS5850-CSDF-256 Datasheet HTML 7Page - ams AG AS5850-CSDF-256 Datasheet HTML 8Page - ams AG AS5850-CSDF-256 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Document Feedback
AS585xB
General Description
Short Datasheet
• PUBLIC
DS001023
• v1-00 • 2021-Apr-08
9
│ 4
Benefits
Features
Line time down to 20 µs, 15 µs with low OSR
or 10 µs with binning
LVDS data interface with data rate optimized
readout modes including fully parallel pipeline
mode
Adjustable full scale range from 0.5 pC to
16 pC
Correlated Double Sampling (CDS) operation for
offset compensation with programmable time
constant
On-chip voltage reference and temperature
sensor
Built-in Diagnostic (anti-blooming circuit, charge
injection mode, ADC test) for error detection
1.2
Applications
●
X-ray Flat Panel Detectors
●
Digital Radiography
●
Fluoroscopy Panels and Dynamic X-ray Detectors
●
Portable and Mobile X-ray Systems
●
Mammography Panels
●
Industrial and Security X-ray Scanners



Html Pages

1 2 3 4 5 6 7 8 9 10