| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
P87LPC764FN Datasheet(PDF) 9 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P87LPC764FN Datasheet(HTML) 9 Page - NXP Semiconductors |
|
9 / 60 page ![]() Philips Semiconductors Product data P87LPC764 Low power, low price, low pin count (20 pin) microcontroller with 4 kbyte OTP 2003 Sep 03 8 Name Reset Value Bit Functions and Addresses MSB LSB SFR Address Description D7 D6 D5 D4 D3 D2 D1 D0 PSW* Program status word D0h CY AC F0 RS1 RS0 OV F1 P 00h PT0AD# Port 0 digital input disable F6h 00h 9F 9E 9D 9C 9B 9A 99 98 SCON* Serial port control 98h SM0 SM1 SM2 REN TB8 RB8 TI RI 00h SBUF Serial port data buffer register 99h xxh SADDR# Serial port address register A9h 00h SADEN# Serial port address enable B9h 00h SP Stack pointer 81h 07h 8F 8E 8D 8C 8B 8A 89 88 TCON* Timer 0 and 1 control 88h TF1 TR1 TF0 TR0 IE1 IT1 IE0 IT0 00h TH0 Timer 0 high byte 8Ch 00h TH1 Timer 1 high byte 8Dh 00h TL0 Timer 0 low byte 8Ah 00h TL1 Timer 1 low byte 8Bh 00h TMOD Timer 0 and 1 mode 89h GATE C/T M1 M0 GATE C/T M1 M0 00h WDCON# Watchdog control register A7h – – WDOVF WDRUN WDCLK WDS2 WDS1 WDS0 Note 4 WDRST# Watchdog reset register A6h xxh NOTES: * SFRs are bit addressable. # SFRs are modified from or added to the 80C51 SFRs. 1. Unimplemented bits in SFRs are X (unknown) at all times. Ones should not be written to these bits since they may be used for other purposes in future derivatives. The reset value shown in the table for these bits is 0. 2. I/O port values at reset are determined by the PRHI bit in the UCFG1 configuration byte. 3. The PCON reset value is x x BOF POF–0 0 0 0b. The BOF and POF flags are not affected by reset. The POF flag is set by hardware upon power up. The BOF flag is set by the occurrence of a brownout reset/interrupt and upon power up. 4. The WDCON reset value is xx11 0000b for a Watchdog reset, xx01 0000b for all other reset causes if the watchdog is enabled, and xx00 0000b for all other reset causes if the watchdog is disabled. |