| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BSP030 Datasheet(PDF) 9 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
BSP030 Datasheet(HTML) 9 Page - NXP Semiconductors |
|
9 / 12 page ![]() 1997 Mar 13 9 Philips Semiconductors Product specification N-channel enhancement mode vertical D-MOS transistor BSP030 PACKAGE OUTLINE Fig.14 SOT223. Dimensions in mm. handbook, full pagewidth 6.7 6.3 0.95 0.85 2.3 0.80 0.60 4.6 3.1 2.9 3.7 3.3 7.3 6.7 A B 0.2 A 1.80 max 16 16 o max 10 o max 0.10 0.01 0.32 0.24 4 123 MSA035 - 1 (4x) 0.1 B M M S seating plane 0.1 S o |