| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LDW1002 Datasheet(PDF) 1 Page - LETEX TECHNOLOGY CORP. |
|
|
|||||||||||||||||||||||||||||
LDW1002 Datasheet(HTML) 1 Page - LETEX TECHNOLOGY CORP. |
|
1 / 3 page ![]() LDW1002 - 1 - Letex Technology Corp. Reed Switch specifications Model No: LDW-1002 Features • • • •The LDW-1002 is a ultra miniature single-contact reed switch designed for high speed low level switching systems Applications •Automotive electronic devices •Rotation and speed Monitoring •Door and Window Contacts for Security System •Communication equipment •Measurement equipment Dimensions Glass Diameter (Max.) 2.4 mm Glass Length (Max.) 9.5 mm Lead Diameter (Nominal) 0.43, 0.56 mm Outer Dimension Overall Length (Max.) 48.5 mm 9.5MAX. 19.9 22.85 Ø2.4MAX. 48.5 Ø0.43 Ø0.56 |
Número de pieza similar - LDW1002 |
|
Descripción similar - LDW1002 |