Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

322-LFS Datasheet(PDF) 1 Page - WECO ELECTRICAL CONNECTORS INC.

No. de pieza 322-LFS
Descripción Electrónicos  Screw/solder terminal strip Screw/solder tag connection
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WECO [WECO ELECTRICAL CONNECTORS INC.]
Página de inicio  https://wecoconnectors.com/en/
Logo WECO - WECO ELECTRICAL CONNECTORS INC.

322-LFS Datasheet(HTML) 1 Page - WECO ELECTRICAL CONNECTORS INC.

  322-LFS Datasheet HTML 1Page - WECO ELECTRICAL CONNECTORS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
322-LFS(-DS)
Screw/solder terminal strip
Screw/solder tag connection
01.18
WECO | www.wecogroup.com
The screw/solder terminal strip 322-LFS in 10 mm pitch was designed for larger
cross-sections than version 302-LF-DS. It is available with 1 to 12 poles.
Mouldings of this type are open on the solder tag side but they can be connected
safe-to-touch as 2- and 3-pole version with cover caps A-323 and base plates
B-323. This will extend the creepage distance to the mounting surface.
Socket and solder tag are manufactured in one piece.
The screws are ready to be wired, secured against self-loosening and captive.
These strips can be combined with plug-in terminal strip 322-SV by plugging the
pins into the sockets and screwing them tight.
The wire protector of the “DS”-version reliably prevents damage to multi-wire
flexible conductors by the turning screw.
These terminals strips can be screw-mounted on a substrate.
Part Numbers
No. of
poles
322-LFS
322-LFS-DS
Length
PU
1
10.821.002
23.821.002
8,00
3000
2
11.821.002
24.821.002
18,00
1000
3
12.821.002
25.821.002
28,00
1000
4
13.821.002
26.821.002
38,00
1000
5
14.821.002
27.821.002
48,00
500
6
15.821.002
28.821.002
58,00
140
7
16.821.002
29.821.002
68,00
90
8
17.821.002
30.821.002
78,00
90
9
18.821.002
31.821.002
88,00
80
10
19.821.002
32.821.002
98,00
70
11
20.821.002
33.821.002
108,00
70
12
21.821.002
34.821.002
117,00
70
General Information
Pitch
10 mm
No. of poles
1 - 12
Technical Data
Clamping Range
solid / flexible / AWG
without wire protector
0,5 - 4 mm² / 0,5 - 2,5 mm² / 20 - 12 AWG
with wire protector
0,34 - 2,5 mm² / 0,34 - 2,5 mm² / 22 - 14 AWG
Rated Cross Section
2,5 mm²
Wire Stripping Length
7 mm ± 0,5 mm
Overvoltage Category
III
III
II
Pollution Severity Level
3
2
2
Rated Voltage
320 V
320 V
630 V
Rated Impulse Voltage
4 kV
4 kV
4 kV
Rated Insulation Voltage
450 V acc. to EN 60998-1
Rated Current
24 A
Torque
0,5 Nm
Material
Moulding
PA, natural, V-2
Comparative Tracking Index
CTI ≥ 600
Insulating Group
I
Temperature Range
-40°C up to 100°C
Terminal Body
Tin plated brass
Screw
M3, zinc plated steel, blue passivated
Wire protector
Tin plated tin bronze
Approvals
Current [A]
Voltage [V]
Group
AWG
[Nm]
10
300
B,D
20 - 12
0,51
20
10
300
300
B
D,E
22-10 [1]
22-10 [1]
0,51
0,51
[1] for 322-LFS-DS: 26 - 12 AWG
Options / Accessories
• Marking options on the screw guides
• Cover caps A-323 und base plate B-323 for additional contact protection
• Insulation receptacles ISO-110
• Lowered solder tag for larger creepage distances to the screw
• Solder tag with two holes
• Moulding made of special polyamide for e.g. household appliances


Número de pieza similar - 322-LFS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Apex Electronics Co., L...
322-000LX APEX-ELECTRONICS-322-000LX Datasheet
175Kb / 3P
Slotted Bits
logo
EDAC, All Rights Reserv...
322-022-500-154 EDAC-322-022-500-154 Datasheet
223Kb / 2P
Card Edge Connectors 0.156” (3.96mm) Pitch
322-022-500-157 EDAC-322-022-500-157 Datasheet
223Kb / 2P
Card Edge Connectors 0.156” (3.96mm) Pitch
322-022-500-158 EDAC-322-022-500-158 Datasheet
223Kb / 2P
Card Edge Connectors 0.156” (3.96mm) Pitch
322-022-500-254 EDAC-322-022-500-254 Datasheet
223Kb / 2P
Card Edge Connectors 0.156” (3.96mm) Pitch
More results

Descripción similar - 322-LFS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pomona Electronics
2352 POMONA-2352 Datasheet
18Kb / 1P
Solder Turret Terminal Screw
logo
WECO ELECTRICAL CONNECT...
302-G WECO-302-G Datasheet
104Kb / 1P
Socket terminal strip Screw connection, with solder pin
05.18
302-SVG WECO-302-SVG Datasheet
158Kb / 1P
Plug-in terminal strip Screw connection & pin, with solder pin
05.18
321-LFS WECO-321-LFS Datasheet
155Kb / 1P
Screw/solder terminal strip Screw/solder tag connection, side of solder tag closed, pottable
04.19
322-G WECO-322-G Datasheet
105Kb / 1P
Socket terminal strip Screw connection, with solder pin
04.19
322-SVG WECO-322-SVG Datasheet
107Kb / 1P
Plug-in terminal strip Screw connection & pin, with solder pin
04.19
323 WECO-323 Datasheet
121Kb / 1P
Socket terminal strip Screw connection
05.18
931-A-LFDS WECO-931-A-LFDS Datasheet
117Kb / 1P
Screw/solder terminal strip Screw/solder tag connection
05.19
951-A-LFDS WECO-951-A-LFDS Datasheet
113Kb / 1P
Screw/solder terminal strip Screw/solder tag connection
05.19
983-SML-2.8 WECO-983-SML-2.8 Datasheet
83Kb / 1P
PCB connector Screw connection, with solder pin and solder tag
03.19
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com