Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ICSSSTUAF32865A Datasheet(PDF) 10 Page - Renesas Technology Corp

No. de pieza ICSSSTUAF32865A
Descripción Electrónicos  28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICSSSTUAF32865A Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ICSSSTUAF32865A Datasheet HTML 6Page - Renesas Technology Corp ICSSSTUAF32865A Datasheet HTML 7Page - Renesas Technology Corp ICSSSTUAF32865A Datasheet HTML 8Page - Renesas Technology Corp ICSSSTUAF32865A Datasheet HTML 9Page - Renesas Technology Corp ICSSSTUAF32865A Datasheet HTML 10Page - Renesas Technology Corp ICSSSTUAF32865A Datasheet HTML 11Page - Renesas Technology Corp ICSSSTUAF32865A Datasheet HTML 12Page - Renesas Technology Corp ICSSSTUAF32865A Datasheet HTML 13Page - Renesas Technology Corp ICSSSTUAF32865A Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
ICSSSTUAF32865A
2
8-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
COMMERCIAL TEMPERATURE GRADE
2
8-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
10
ICSSSTUAF32865A
7097/1
1
Timing Requirements Over Recommended Operating Free-Air Temperature
Range
Switching Characteristics Over Recommended Free Air Operating Range
(unless otherwise noted)
Symbol
Parameter
VDD = 1.8V ± 0.1V
Units
Min.
Max.
fCLOCK
Clock Frequency
410
MHz
tW
Pulse Duration; CLK, CLK HIGH or LOW
1
ns
tACT
Differential Inputs Active Time1
1
VREF must be held at a valid input voltage level and data inputs must be held at valid logic levels for a
minimum time of tACT(max) after RESET is taken HIGH.
10
ns
tINACT
Differential Inputs Inactive Time2
2
VREF, data, and clock inputs must be held at a valid input voltage levels (not floating) for a minimum
time of tINACT(max) after RESET is taken LOW.
15
ns
tSU
Setup
Time
DCS0 before CLK
↑ , CLK↓, DCS and CSGateEN
HIGH; DCS1 before CLK
↑ , CLK↓, DCS0 and
CSGateEN HIGH
0.7
ns
DCSn, DODT, DCKE, and Dn after CLK
↑ , CLK↓
0.5
PARIN after CLK
↑ , CLK↓
0.5
tH
Hold
Time
DCSn, DODT, DCKE, and Dn after CLK
↑ , CLK↓
0.5
ns
PARIN after CLK
↑ , CLK↓
0.5
Symbol
Parameter
VDD = 1.8V ± 0.1V
Units
Min.
Max.
fMAX
Max Input Clock Frequency
410
MHz
tPDM
Propagation Delay, single bit switching, CLK
↑ to CLK↓to Qn
1.3
1.9
ns
tPDMSS
Propagation Delay, simultaneous switching, CLK
↑ to CLK↓to
Qn
2ns
tLH
LOW to HIGH Propagation Delay, CLK
↑ to CLK↓to PTYERR
1.2
3
ns
tHL
HIGH to LOW Propagation Delay, CLK
↑ to CLK↓to PTYERR
13
ns
tPHL
HIGH to LOW Propagation Delay, RESET
↓to Qn↓
3ns
tPLH
LOW to HIGH Propagation Delay, RESET
↓to PTYERR↑
3ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com